Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM4112CB Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # ASM4112CB
Description  VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

ASM4112CB Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

  ASM4112CB Datasheet HTML 1Page - Aplus Intergrated Circuits ASM4112CB Datasheet HTML 2Page - Aplus Intergrated Circuits ASM4112CB Datasheet HTML 3Page - Aplus Intergrated Circuits ASM4112CB Datasheet HTML 4Page - Aplus Intergrated Circuits ASM4112CB Datasheet HTML 5Page - Aplus Intergrated Circuits ASM4112CB Datasheet HTML 6Page - Aplus Intergrated Circuits ASM4112CB Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1.4 Bonding Diagram
19
18
17
16
15
14
13
12
RC3
RC2
RC1
RC0
GND2
VDD2 TEST
OSC
ASM4112CB
RA3 RA2
RA1 RA0 VDD1 COUT GND1 RB0
RB1
RB2
RB3
1
2
3
4
5
6
7
8
9
10
11
( 128K x 10-bit ) Block ROM
Substrate must be connected to GND.
ASM4112CB Pad Location
Chip Size: X= 1540+80 (um), Y=2310+80 (um)
PAD # PAD Name
X
Y
PAD # PAD Name
X
Y
1
RA3
-682.16
-1040.2
11
RB3
667.68
-1040.2
2
RA2
-559.84
-1040.2
12
OSC
633.56
1071.52
3
RA1
-437.52
-1040.2
13
TEST
432.48
1071.52
4
RA0
-315.2
-1040.2
14
VDD2
273.16
1071.52
5
VDD1
-191.28
-1040.2
15
GND2
134.68
1071.52
6
COUT
71.12
-1040.2
16
RC0
-51.76
1071.52
7
GND1
189.52
-1040.2
17
RC1
-248.4
1071.52
8
RB0
307.92
-1040.2
18
RC2
-454.24
1071.52
9
RB1
430.24
-1040.2
19
RC3
-650.88
1071.52
10
RB2
552.56
-1040.2
ASM4112CB
X= 1540+80 (um)
Y=2310+80 (um)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com