Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD219 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD219
Description  5.8 Diplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD219 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD219 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD219
5.8 Diplexer
Receive Channel
Transmit Channel
Passband:
5798 - 5818 MHz
Passband:
5732 - 5762 MHz
Insertion Loss:
1.5 dB max.
Insertion Loss:
1.5 dB max.
Return Loss:
16.0 dB min.
Return Loss:
16.0 dB min.
Rejection:
Rejection:
5732 - 5762 MHz
90 dB min
5798 - 5818 MHz
100 dB min.
Isolation Tx to Rx:
90 dB min.
Isolation Rx to Tx:
90 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD219

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD219 MMIC-CMD219 Datasheet
224Kb / 12P
4-8 GHz GaN Low Noise Amplifier
CMD219C4 MMIC-CMD219C4 Datasheet
248Kb / 12P
4-8 GHz GaN Low Noise Amplifier
More results

Similar Description - CMD219

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD205 APITECH-CMD205 Datasheet
114Kb / 1P
5.8 Diplexer
logo
Mini-Circuits
ZX75-23 MINI-ZX75-23 Datasheet
361Kb / 3P
Diplexer
DPLX-4254A0 MINI-DPLX-4254A0 Datasheet
411Kb / 3P
Diplexer
LDP-1050-252 MINI-LDP-1050-252 Datasheet
301Kb / 2P
Diplexer
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
Diplexer
ZDPL-4254-75-F MINI-ZDPL-4254-75-F Datasheet
570Kb / 3P
Diplexer
ZDSS-3G4G MINI-ZDSS-3G4G Datasheet
645Kb / 3P
Diplexer
ZDSS-3G4G-S MINI-ZDSS-3G4G-S Datasheet
645Kb / 3P
Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
Diplexer
RDP-6500 MINI-RDP-6500 Datasheet
468Kb / 3P
Diplexer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com