Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD213 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD213
Description  1.5 Backhaul Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD213 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD213 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD213
1.5 Backhaul Duplexer
Receive Channel
Transmit Channel
Passband:
-1: 1424.4 – 1454.5 MHz
Passband:
-1: 1518 – 1548 MHz
-2: 1438 – 1468 MHz
-2: 1490 – 1520 MHz
Insertion Loss:
3.0 dB max.
Insertion Loss:
3.0 dB max.
Return Loss:
16.0 dB min.
Return Loss:
16.0 dB min.
Isolation Tx to Rx:
100 dB min.
Isolation Rx to Tx:
100 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD213

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD213 MMIC-CMD213 Datasheet
198Kb / 9P
30-40 GHz Active Frequency Doubler
logo
Qorvo, Inc
CMD213 QORVO-CMD213 Datasheet
198Kb / 9P
30-40 GHz Active Frequency Doubler
More results

Similar Description - CMD213

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD112 APITECH-CMD112 Datasheet
117Kb / 1P
PCS Duplexer
CMD108-02 APITECH-CMD108-02 Datasheet
92Kb / 1P
AMPS Duplexer
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
SAW Duplexer
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
SAW Duplexer SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD003 ACT-ACTFD003 Datasheet
240Kb / 8P
SAW DUPLEXER
2015
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
SAW DUPLEXER
2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com