Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD208 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD208
Description  CMD208 WCS Diplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD208 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD208 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD208
WCS Diplexer
The CMD 208 is factory tunable over the frequency range of 5735 MHz to 5840 MHz. Transmit and Receive
channels can be reversed for specific port applications. Contact CMT for your specific requirement.
Channel 1
Channel 2
Center frequency:
5735 - 5775 MHz
Center Frequency:
5800 - 5840 MHz
Passband Bandwidth: 20 MHz
Passband Bandwidth: 20 MHz
Min. Channel
Min. Channel
Separation:
65 MHz
Separation:
65 MHz
Insertion Loss:
2.5 dB max.
Insertion Loss:
2.3 dB max.
Return Loss:
16.0 dB min.
Return Loss:
16.0 dB min.
CH2 Rejection:
95 dB min
CH1 Rejection:
95 dB min.
Isolation:
95 dB min.
Isolation:
95 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD208

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD201 MMIC-CMD201 Datasheet
752Kb / 10P
DC-20 GHz Distributed Power Amplifier
logo
Qorvo, Inc
CMD201 QORVO-CMD201 Datasheet
752Kb / 10P
DC-20 GHz Distributed Power Amplifier
CMD201 QORVO-CMD201 Datasheet
273Kb / 11P
DC-20 GHz Distributed Power Amplifier
December 22, 2021
logo
Custom MMIC Design Serv...
CMD201P5 MMIC-CMD201P5 Datasheet
277Kb / 10P
DC-20 GHz Distributed Power Amplifier
logo
Qorvo, Inc
CMD201P5 QORVO-CMD201P5 Datasheet
277Kb / 10P
DC-20 GHz Distributed Power Amplifier
More results

Similar Description - CMD208

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD101 APITECH-CMD101 Datasheet
115Kb / 1P
WCS Duplexer
CMD317 APITECH-CMD317 Datasheet
109Kb / 1P
WCS Duplexer
logo
Pepperl+Fuchs Inc.
WCS-DG310 PF-WCS-DG310 Datasheet
208Kb / 2P
WCS interface module
WCS-ECG410 PF-WCS-ECG410 Datasheet
624Kb / 3P
WCS interface module
WCS-EIG310 PF-WCS-EIG310 Datasheet
701Kb / 2P
WCS interface module
WCS-EIG410 PF-WCS-EIG410 Datasheet
625Kb / 3P
WCS interface module
WCS-IP110 PF-WCS-IP110 Datasheet
101Kb / 2P
WCS interface module
WCS-IS311 PF-WCS-IS311 Datasheet
186Kb / 2P
WCS interface module
WCS-IS321 PF-WCS-IS321 Datasheet
187Kb / 2P
WCS interface module
WCS-PNG410 PF-WCS-PNG410 Datasheet
637Kb / 3P
WCS interface module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com