Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM741J/883 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM741J/883
Description  LM741QML Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM741J/883 Datasheet(HTML) 4 Page - Texas Instruments

  LM741J/883 Datasheet HTML 1Page - Texas Instruments LM741J/883 Datasheet HTML 2Page - Texas Instruments LM741J/883 Datasheet HTML 3Page - Texas Instruments LM741J/883 Datasheet HTML 4Page - Texas Instruments LM741J/883 Datasheet HTML 5Page - Texas Instruments LM741J/883 Datasheet HTML 6Page - Texas Instruments LM741J/883 Datasheet HTML 7Page - Texas Instruments LM741J/883 Datasheet HTML 8Page - Texas Instruments LM741J/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LM741QML
SNOSAN4A – AUGUST 2005 – REVISED MARCH 2013
www.ti.com
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp °C
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
12
Settling time at
25
13
Settling time at
125
14
Settling time at
-55
Electrical Characteristics DC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
DC:
VCC = ±15V, VCM = 0V
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
group
VIO
Input Offset Voltage
VCM = -12V
-5.0
5.0
mV
1
-6.0
6.0
mV
2, 3
VCM = 12V
-5.0
5.0
mV
1
-6.0
6.0
mV
2, 3
-5.0
5.0
mV
1
-6.0
6.0
mV
2, 3
+VCC = ± 5V
-5.0
5.0
mV
1
-6.0
6.0
mV
2, 3
-VIO Adj
Offset Null
-6.0
mV
1, 2, 3
+VIO Adj
Offset Null
6.0
mV
1, 2, 3
IIO
Input Offset Current
VCM = -12V
-200
200
nA
1
-500
500
nA
2, 3
VCM = 12V
-200
200
nA
1
-500
500
nA
2, 3
-200
200
nA
1
-500
500
nA
2, 3
VCC = ± 5V
-200
200
nA
1
-500
500
nA
2, 3
±IIB
Input Bias Current
VCM = -12V
0.0
500
nA
1
0.0
1500
nA
2, 3
VCM = 12V
0.0
500
nA
1
0.0
1500
nA
2, 3
0.0
500
nA
1
0.0
1500
nA
2, 3
VCC = ± 5V
0.0
500
mA
1
0.0
1500
nA
2, 3
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM741QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com