Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM828M5X Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM828M5X
Description  Switched Capacitor Voltage Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM828M5X Datasheet(HTML) 2 Page - Texas Instruments

  LM828M5X Datasheet HTML 1Page - Texas Instruments LM828M5X Datasheet HTML 2Page - Texas Instruments LM828M5X Datasheet HTML 3Page - Texas Instruments LM828M5X Datasheet HTML 4Page - Texas Instruments LM828M5X Datasheet HTML 5Page - Texas Instruments LM828M5X Datasheet HTML 6Page - Texas Instruments LM828M5X Datasheet HTML 7Page - Texas Instruments LM828M5X Datasheet HTML 8Page - Texas Instruments LM828M5X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LM828
SNOS035D – MARCH 2010 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage (V+ to GND, or GND to OUT)
5.8V
V+ and OUT Continuous Output Current
50 mA
Output Short-Circuit Duration to GND(3)
1 sec.
Continuous Power Dissipation (TA = 25°C)
(4)
240 mW
TJMax
(4)
150°C
θJA
(4)
300°C/W
Operating Junction Temperature Range
−40°C to 85°C
Storage Temperature Range
−65°C to +150°C
Lead Temp. (Soldering, 10 seconds)
300°C
ESD Rating(5)
2kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device beyond its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
OUT may be shorted to GND for one second without damage. However, shorting OUT to V+ may damage the device and should be
avoided. Also, for temperatures above 85°C, OUT must not be shorted to GND or V+, or the device may be damaged.
(4)
The maximum allowable power dissipation is calculated by using PDMax = (TJMax − TA)/θJA, where TJMax is the maximum junction
temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance of the package.
(5)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: V+ = 5V, C1 = C2 = 10 μF.
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V+
Supply Voltage
RL =10kΩ
1.8
5.5
V
IQ
Supply Current
No Load
40
75
µA
115
ROUT
Output Resistance(2)
IL = 5 mA
20
65
Ω
fOSC
Oscillator Frequency(3)
Internal
12
24
56
kHz
fSW
Switching Frequency(3)
Measured at CAP+
6
12
28
kHz
PEFF
Power Efficiency
IL = 5 mA
97
%
VOEFF
Voltage Conversion Efficiency
No Load
95
99.96
%
(1)
In the test circuit, capacitors C1 and C2 are 10 µF, 0.3Ω maximum ESR capacitors. Capacitors with higher ESR will increase output
resistance, reduce output voltage and efficiency.
(2)
Specified output resistance includes internal switch resistance and capacitor ESR. See the details in the application information.
(3)
The output switches operate at one half of the oscillator frequency, fOSC = 2fSW.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com