Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM6312C Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # ASM6312C
Description  VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

ASM6312C Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  ASM6312C Datasheet HTML 1Page - Aplus Intergrated Circuits ASM6312C Datasheet HTML 2Page - Aplus Intergrated Circuits ASM6312C Datasheet HTML 3Page - Aplus Intergrated Circuits ASM6312C Datasheet HTML 4Page - Aplus Intergrated Circuits ASM6312C Datasheet HTML 5Page - Aplus Intergrated Circuits ASM6312C Datasheet HTML 6Page - Aplus Intergrated Circuits ASM6312C Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev 1.0
4
1.2 Pin-Out
ASM6312C Pin-Out
PRC1
ISTI
Std./O.D.
Input port with programmable strong pull-low or weak pull-low or fix-input-
floating capability
PRC0/RESET
ISTI
Std./O.D.
Input port with programmable strong pull-low or weak pull-low or fix-input-
floating capability
Mask option selected as an external RESET pin with weak pull-low capability
PRA3-1
I/O
STI
Std./O.D.
I/O port with programmable strong pull-low or weak pull-low or fix-input-
floating capability
Output type with standard or Open-Drain output
PRA0/RESET
I/O
STI
Std./O.D.
I/O port with programmable strong pull-low or weak pull-low or fix-input-
floating capability
Output type with standard or Open-Drain output
Mask option selected as an external RESET pin with weak pull-low capability
OSC
I
-
RM mode Oscillator input
VDD1
I
-
First Power supply during operation
COUT
O
-
Current Output of Audio
GND1
I
-
First Circuit Ground Potential
GND2
I
-
Second Circuit Ground Potential
TEST
O
-
Enter Test Mode. ( TEST = High )
VDD2
I
-
Second Power supply during operation
PRB0-3
O
Std./O.D. Output type with standard or Open-Drain output
PRC2-3
ISTI
Std./O.D.
Input port with programmable strong pull-low or weak pull-low or fix-input-
floating capability
1.3 Application circuit
ASM6312C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com