Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD191 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD191
Description  2.6 Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD191 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD191 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD191
2.6 Duplexer
Receive Channel
Transmit Channel
Passband:
2551 - 2565 MHz
Passband:
2625 - 2639 MHz
Insertion Loss:
1.0 dB max.
Insertion Loss:
1.0 dB max.
Return Loss:
17.0 dB min.
Return Loss:
17.0 dB min.
Rejection:
Rejection:
2595 - 2625 MHz
45 dB min
2551 2565 MHz
90 dB min.
2625 – 2639 MHz
90 dB min.
2565 – 2595 MHz
45 dB min.
Isolation Tx to Rx:
90 dB min.
Isolation Rx to Tx:
90 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD191

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD191C4 MMIC-CMD191C4 Datasheet
246Kb / 10P
4-10 GHz Driver Amplifier
More results

Similar Description - CMD191

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN221RPH PANASONIC-LN221RPH Datasheet
30Kb / 1P
2.6 mm Series
LN221RPX PANASONIC-LN221RPX Datasheet
30Kb / 1P
2.6 mm Series
logo
API Technologies Corp
CMD112 APITECH-CMD112 Datasheet
117Kb / 1P
PCS Duplexer
logo
Peregrine Semiconductor...
PE4268 PEREGRINE-PE4268_15 Datasheet
308Kb / 11P
2.6 V Switch
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
SAW Duplexer
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
SAW Duplexer SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
SAW Duplexer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com