Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD202 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD202
Description  GSM / UMTS Transmit Diplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD202 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD202 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD202
GSM / UMTS Transmit Diplexer
GSM TX Channel
UMTS TX Channel
Passband:
870 - 960 MHz
Passband:
1910 - 2170 MHz
Insertion Loss:
0.4 dB max.
Insertion Loss:
0.4 dB max.
Return Loss:
17.0 dB min.
Return Loss:
17.0 dB min.
Rejection:
Rejection:
1840 - 2000 MHz
60 dB min
800 - 900 MHz
60 dB min.
Ch. to Ch. Isolation:
60 dB min.
Ch. To Ch. Isolation:
50 dB min.
Power:
250 Watts min.
Power:
350 Watts min.
25, 10 Watt Carriers
42, 8 Watt CDMA
Carriers
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD202

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD201 MMIC-CMD201 Datasheet
752Kb / 10P
DC-20 GHz Distributed Power Amplifier
logo
Qorvo, Inc
CMD201 QORVO-CMD201 Datasheet
752Kb / 10P
DC-20 GHz Distributed Power Amplifier
CMD201 QORVO-CMD201 Datasheet
273Kb / 11P
DC-20 GHz Distributed Power Amplifier
December 22, 2021
logo
Custom MMIC Design Serv...
CMD201P5 MMIC-CMD201P5 Datasheet
277Kb / 10P
DC-20 GHz Distributed Power Amplifier
logo
Qorvo, Inc
CMD201P5 QORVO-CMD201P5 Datasheet
277Kb / 10P
DC-20 GHz Distributed Power Amplifier
More results

Similar Description - CMD202

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1198AEQ SONY-CXG1198AEQ Datasheet
143Kb / 11P
SP8T GSM/UMTS Dual Mode Antenna Switch
CXG1224XR SONY-CXG1224XR Datasheet
100Kb / 7P
SP4TSP4T Antenna Switch for GSM/UMTS
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
SP4T Antenna Switch for GSM/UMTS
CXG1228XR SONY-CXG1228XR Datasheet
190Kb / 8P
SP8T Antenna Switch for GSM/UMTS
CXM3512EQ SONY-CXM3512EQ Datasheet
237Kb / 13P
SP9T GSM/UMTS Dual Mode Antenna Switch
logo
American Accurate Compo...
JXMBSG-T-G24-01-C AAC-JXMBSG-T-G24-01-C Datasheet
233Kb / 2P
GSM Cavity Diplexer
logo
List of Unclassifed Man...
MA208AAB007 ETC2-MA208AAB007 Datasheet
1Mb / 19P
GPS and LTE/GSM/UMTS Combination Antenna
logo
PHOENIX CONTACT
2313371 PHOENIX-2313371 Datasheet
65Kb / 3P
Antenna - PSI-GSM/UMTS-QB-ANT
logo
Qorvo, Inc
RF3241 QORVO-RF3241 Datasheet
1Mb / 17P
Quad-Band GSM, Polar EDGE Transmit Module, Six UMTS TRX Switch Ports
RF3235 QORVO-RF3235 Datasheet
188Kb / 2P
QUAD-BAND GSM/GPRS Tx MODULE WITH UMTS TRANSMIT/RECEIVE PORTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com