Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD182 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD182
Description  Filter Duplexer, TX 5.8 / RX 5.3
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD182 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD182 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Suite B, Rancho Cordova, CA 95742
Phone: 916-631-4363
• Fax: 916-631-4364
www.cmtfilters.com
___________________________________________________________________________________________________
CMD182-48
Filter Duplexer, TX 5.8 / RX 5.3
Revision 2, November 4, 2002
Receive Channel
Transmit Channel
Passband:
5250 – 5350 MHz
Passband:
5725 – 5825 MHz
0.5 dB Bandwidth:
100 MHz min.
0.5 dB Bandwidth:
100 MHz min.
3.0 dB Bandwidth:
200 MHz max.
3.0 dB Bandwidth:
200 MHz max.
Insertion Loss:
1.5 dB max.
Insertion Loss:
1.5 dB max.
Ripple:
0.2 dB max.
Ripple:
0.2 dB max.
Group Delay:
1.0 nS / 10 MHz
Group Delay:
1.0 nS / 10 MHz
8.0 nS over passband
8.0 nS over passband
Return Loss:
18.0 dB min.
Return Loss:
18.0 dB min.
Rejection:
Rejection:
DC – 4500 MHz
60 dB min
DC – 4500 MHz
60 dB min.
6500 – 18000 MHz
60 dB min.
6500 – 18000 MHz
60 dB min.
Isolation Tx to Rx:
60 dB min.
Isolation Rx to Tx:
60 dB min.
2nd, 3rd Harmonic:
100 dBc
2nd, 3rd Harmonic:
100 dBc
Impedance:
50 Ohms
Impedance:
50 Ohms
Operation Temp:
-40 to +80°C
Storage Temp:
-40 to +85°C


Similar Part No. - CMD182

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD182 MMIC-CMD182 Datasheet
213Kb / 11P
6-10 GHz I/Q Mixer
logo
Qorvo, Inc
CMD182 QORVO-CMD182 Datasheet
213Kb / 11P
6-10 GHz I/Q Mixer
logo
API Technologies Corp
CMD182-47 APITECH-CMD182-47 Datasheet
120Kb / 1P
Filter Duplexer, TX 5.3 / RX 5.8
CMD182-48 APITECH-CMD182-48 Datasheet
120Kb / 1P
Filter Duplexer, TX 5.3 / RX 5.8
logo
Custom MMIC Design Serv...
CMD182C4 MMIC-CMD182C4 Datasheet
245Kb / 11P
6-10 GHz I/Q Mixer
More results

Similar Description - CMD182

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD182-48 APITECH-CMD182-48 Datasheet
120Kb / 1P
Filter Duplexer, TX 5.3 / RX 5.8
CMD182-47 APITECH-CMD182-47 Datasheet
120Kb / 1P
Filter Duplexer, TX 5.3 / RX 5.8
CMD158 APITECH-CMD158 Datasheet
112Kb / 1P
5.7 / 5.8 Duplexer
CMD135 APITECH-CMD135 Datasheet
116Kb / 1P
5.3 Wireless Local Loop Duplexer
logo
TriQuint Semiconductor
885049 TRIQUINT-885049_15 Datasheet
243Kb / 1P
2300-2400 MHz Tx/Rx Filter
885075 TRIQUINT-885075_15 Datasheet
234Kb / 7P
2300-2400 MHz Tx/Rx Filter
logo
Qorvo, Inc
TQQ0041T QORVO-TQQ0041T Datasheet
701Kb / 8P
Band 41 Tx/Rx Filter
QPQ1290 QORVO-QPQ1290 Datasheet
581Kb / 8P
Band 41 Tx / Rx Filter
March 5, 2018
QPQ1040Q QORVO-QPQ1040Q Datasheet
730Kb / 11P
2300-2400 MHz TX/RX Filter
QPQ1041Q QORVO-QPQ1041Q Datasheet
879Kb / 12P
B41W Tx/Rx Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com