Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD161 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD161
Description  PCS Fullband Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD161 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD161 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD161
PCS Fullband Duplexer
Receive Channel
Transmit Channel
Passband:
1850 - 1910 MHz
Passband:
1930 - 1990 MHz
Insertion Loss:
1.0 dB max.
Insertion Loss:
1.0 dB max.
Flatness:
0.6 dB max.
Flatness:
0.6 dB max.
Return Loss:
16.0 dB min.
Return Loss:
16.0 dB min.
Rejection:
Rejection:
DC - 1825 MHz
70 dB min
1850 - 1910 MHz
70 dB min.
1939 – 1990 MHz
70 dB min.
2015 – 4000 MHz
70 dB min.
Isolation Tx to Rx:
70 dB min.
Isolation Rx to Tx:
70 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD161

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD160 APITECH-CMD160 Datasheet
119Kb / 1P
Trunking Radio Duplexer
logo
Custom MMIC Design Serv...
CMD160C4 MMIC-CMD160C4 Datasheet
252Kb / 9P
17-25 GHz Low Noise Amplifier
CMD162 MMIC-CMD162 Datasheet
214Kb / 9P
26-34 GHz Low Noise Amplifier
CMD163 MMIC-CMD163 Datasheet
226Kb / 9P
17-27 GHz Low Noise Amplifier
CMD163C4 MMIC-CMD163C4 Datasheet
258Kb / 10P
17-27 GHz Low Noise Amplifier
More results

Similar Description - CMD161

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ACMD-7401 HP-ACMD-7401 Datasheet
357Kb / 11P
Miniature PCS Band Duplexer
logo
API Technologies Corp
CMD243 APITECH-CMD243 Datasheet
144Kb / 2P
PCS Fullband Duplexer
CMD230 APITECH-CMD230 Datasheet
131Kb / 2P
PCS Duplexer
CMD139 APITECH-CMD139 Datasheet
115Kb / 1P
AMPS FullBand Duplexer
CMD116 APITECH-CMD116 Datasheet
108Kb / 1P
AMPS Fullband Duplexer
CMD112 APITECH-CMD112 Datasheet
117Kb / 1P
PCS Duplexer
CMD102 APITECH-CMD102 Datasheet
115Kb / 1P
PCS B-Band Duplexer
CMF242 APITECH-CMF242 Datasheet
110Kb / 1P
PCS Fullband Diversity Receive Filter
logo
TriQuint Semiconductor
TQM969001 TRIQUINT-TQM969001_15 Datasheet
692Kb / 10P
PCS Duplexer
logo
Broadcom Corporation.
DEMO-ACMD-7402 BOARDCOM-DEMO-ACMD-7402 Datasheet
246Kb / 10P
Miniature PCS Band Duplexer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com