Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD152 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD152
Description  3.4 / 3.5 Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD152 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD152 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Microwave Technology
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363
• Fax: 916-6314364
www.cmtfilters.com
_____________________________________________________________________________________________
CMD152
3.4 / 3.5 Duplexer
Receive Channel
Transmit Channel
Passband:
3407 MHz
Passband:
3507 MHz
Insertion Loss:
1.5 dB max.
Insertion Loss:
1.5 dB max.
Return Loss:
15.0 dB max.
Return Loss:
15.0 dB max.
Rejection:
Rejection:
3507 MHz
50 dB min
3407 MHz
50 dB min.
Isolation Tx to Rx:
50 dB min.
Isolation Rx to Tx:
50 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C


Similar Part No. - CMD152

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD15-21 CML-CMD15-21 Datasheet
245Kb / 1P
SMT LEDs 1206 Package Size
logo
Visual Communications C...
CMD15-21 VCC-CMD15-21 Datasheet
703Kb / 1P
SMT LEDs 1206 Package Size
CMD15-21SRC VCC-CMD15-21SRC Datasheet
703Kb / 1P
SMT LEDs 1206 Package Size
logo
Chicago Miniature Lamp,...
CMD15-21SRC/TR8 CML-CMD15-21SRC/TR8 Datasheet
245Kb / 1P
SMT LEDs 1206 Package Size
logo
Skyworks Solutions Inc.
CMD15-21SRCTR8 SKYWORKS-CMD15-21SRCTR8 Datasheet
2Mb / 17P
1.5A Single Flash LED Driver IC
More results

Similar Description - CMD152

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3566-LC MIMIX-CMM3566-LC_07 Datasheet
183Kb / 4P
3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
logo
API Technologies Corp
CMD153 APITECH-CMD153 Datasheet
112Kb / 1P
3.4 / 3.5 Duplexer
CMD112 APITECH-CMD112 Datasheet
117Kb / 1P
PCS Duplexer
CMD108-02 APITECH-CMD108-02 Datasheet
92Kb / 1P
AMPS Duplexer
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
SAW Duplexer
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
SAW Duplexer SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
SAW Duplexer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com