Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM8406C Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # ASM8406C
Description  VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

ASM8406C Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  ASM8406C Datasheet HTML 1Page - Aplus Intergrated Circuits ASM8406C Datasheet HTML 2Page - Aplus Intergrated Circuits ASM8406C Datasheet HTML 3Page - Aplus Intergrated Circuits ASM8406C Datasheet HTML 4Page - Aplus Intergrated Circuits ASM8406C Datasheet HTML 5Page - Aplus Intergrated Circuits ASM8406C Datasheet HTML 6Page - Aplus Intergrated Circuits ASM8406C Datasheet HTML 7Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev 1.0
1
ASM7306C/8406C
1.0 General Description
The
ASM7306C/8406C is very low cost voice synthesizer with 4-bit microprocessor. It has
various features including 4-bit ALU, ROM, RAM, I/O ports, timers, clock generator,
watchdog timer(WDT), voice synthesizer, etc . It consists of 22 instructions in the device.
With CMOS technology and halt function can minimize power dissipation . Its architecture is
similar cycle, to RISC, with two stages of instruction pipeline. It allows all instructions to be in
a executed single except for program branches and data table read instructions (which
need two instruction cycles).
1.1 Feature
Single power supply can operate from 2.4V through 5.5V
Internal Program ROM: 4K x 10-bit
1 sets of 18-bit DPR can access up to 256K x 10 bits data memory space
Data Registers:
• 64 x 4-bit data RAM (00-1Fh plus 40h-5Fh)
• Unbanked special function registers (SFR) range: 20h-3Fh
I/O Ports:
• PRA: 4-bit I/O Port A (2Bh)
• PRB: 2-bit Output Port B (2Dh)
On-chip clock generator:
Resistive Clock Drive(RM)
Timer: 1
• Timer0: a 9-bit auto-reload timer/counter
Stack: 2-level subroutine nesting
HALT and Release from HALT function to reduce power consumption
Watch Dog Timer (WDT)
Instruction: 1-cycle instruction except for table read and program branches which are 2-cycles
Number of instruction: 22
The Voice function can be implemented by microprocessor instruction
• One 8-bit COUT output for ASM7306C/8406C
- VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C/8406C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com