Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD128 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD128
Description  5.7 Diplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD128 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD128 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD128
5.7 Diplexer
The CMD128 Diplexers 22.5 MHz channels are factory tunable over the frequency range of 5700 MHz to 5850
MHz with a minimum of 40 MHz channel separation. Contact CMT for your specific application
Receive Channel
Transmit Channel
Center Frequency:
5700 - 5850 MHz
Center Frequency:
5700 - 5850 MHz
Min. Seperation:
40 MHz
Min. Separation:
40 MHz
1 dB Bandwidth:
22.5 MHz
1 dB Bandwidth:
22.5 MHz
Insertion Loss:
2.0 dB max. @ Fo
Insertion Loss:
2.0 dB max. @ Fo
2.5 dB max @ B.E.
2.5 dB max. @ B.E.
Ripple:
+/- 0.2 dB max.
Ripple:
+/- 0.2 dB max.
Return Loss:
15.0 dB min.
Return Loss:
15.0 dB min.
Rejection:
Rejection:
Fo +/- 65 MHz
95 dB min
Fo +/- 65 MHz
95 dB min.
Fo +/- 48 MHz
85 dB min.
Fo +/- 48 MHz
85 dB min.
Ch. to Ch. Isolation :
95 dB min.
Ch. to Ch. Isolation:
95 dB min.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363
• Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD128

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD12-21 CML-CMD12-21 Datasheet
72Kb / 1P
CMD12-21 BrightAngle??Right Angle Surface Mount LED
logo
Visual Communications C...
CMD12-21 VCC-CMD12-21 Datasheet
580Kb / 1P
Right Angle Surface Mount LED
CMD12-21SRC VCC-CMD12-21SRC Datasheet
580Kb / 1P
Right Angle Surface Mount LED
logo
Chicago Miniature Lamp,...
CMD12-21SRC/TR8 CML-CMD12-21SRC/TR8 Datasheet
72Kb / 1P
CMD12-21 BrightAngle??Right Angle Surface Mount LED
logo
Visual Communications C...
CMD12-21UGC VCC-CMD12-21UGC Datasheet
580Kb / 1P
Right Angle Surface Mount LED
More results

Similar Description - CMD128

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD173 APITECH-CMD173 Datasheet
111Kb / 1P
5.3 / 5.7 Diplexer
logo
Mini-Circuits
ZX75-23 MINI-ZX75-23 Datasheet
361Kb / 3P
Diplexer
DPLX-4254A0 MINI-DPLX-4254A0 Datasheet
411Kb / 3P
Diplexer
LDP-1050-252 MINI-LDP-1050-252 Datasheet
301Kb / 2P
Diplexer
LDPG-212-322 MINI-LDPG-212-322 Datasheet
367Kb / 3P
Diplexer
ZDPL-4254-75-F MINI-ZDPL-4254-75-F Datasheet
570Kb / 3P
Diplexer
ZDSS-3G4G MINI-ZDSS-3G4G Datasheet
645Kb / 3P
Diplexer
ZDSS-3G4G-S MINI-ZDSS-3G4G-S Datasheet
645Kb / 3P
Diplexer
DPLC-8510A01M MINI-DPLC-8510A01M Datasheet
500Kb / 4P
Diplexer
RDP-6500 MINI-RDP-6500 Datasheet
468Kb / 3P
Diplexer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com