Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD102 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD102
Description  PCS B-Band Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD102 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD102 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD102
PCS B-Band Duplexer
with monitor port
Receive Channel
Transmit Channel
Passband:
1870 - 1885 MHz
Passband:
1950 - 1965 MHz
Insertion Loss:
0.8 dB max.
Insertion Loss:
0.8 dB max.
Return Loss:
15.0 dB min.
Return Loss:
15.0 dB min.
Rejection:
Rejection:
1950 - 1965 MHz
75 dB min
1870 - 1885 MHz
75 dB min.
Isolation Tx to Rx:
75 dB min.
Isolation Rx to Tx:
75 dB min.
Monitor Port:
-40 dB +/- 1 dB
Power:
200 Watts CW.
Operation Temp:
0° to +60°C
Storage Temp:
-40° to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363 • Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD102

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD100 APITECH-CMD100 Datasheet
116Kb / 1P
Wireless Local Loop Duplexer
logo
Visual Communications C...
CMD1000-250-04-D VCC-CMD1000-250-04-D Datasheet
105Kb / 1P
MultiPak SpaceSetter
logo
Frontier Electronics.
CMD100T0804AT FRONTIER-CMD100T0804AT Datasheet
129Kb / 2P
Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
CMD100T0804BT FRONTIER-CMD100T0804BT Datasheet
150Kb / 2P
Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
CMD100T0804CT FRONTIER-CMD100T0804CT Datasheet
129Kb / 2P
Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
More results

Similar Description - CMD102

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ACMD-7401 HP-ACMD-7401 Datasheet
357Kb / 11P
Miniature PCS Band Duplexer
HPMD-7904 HP-HPMD-7904 Datasheet
110Kb / 8P
FBAR Duplexer for US PCS Band
logo
API Technologies Corp
CMD234 APITECH-CMD234 Datasheet
117Kb / 1P
AMPS B-Band Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7403 AVAGO-ACMD-7403 Datasheet
1Mb / 11P
Miniature UMTS Band II / PCS Duplexer
ACMD-7402 AVAGO-ACMD-7402_15 Datasheet
246Kb / 10P
Miniature PCS Band Duplexer
ACMD-7409 AVAGO-ACMD-7409 Datasheet
1Mb / 10P
Miniature PCS Band Duplexer
logo
Broadcom Corporation.
DEMO-ACMD-7403 BOARDCOM-DEMO-ACMD-7403 Datasheet
1Mb / 11P
Miniature UMTS Band II / PCS Duplexer
DEMO-ACMD-7402 BOARDCOM-DEMO-ACMD-7402 Datasheet
246Kb / 10P
Miniature PCS Band Duplexer
ACMD-7402 BOARDCOM-ACMD-7402 Datasheet
246Kb / 10P
Miniature PCS Band Duplexer
ACMD-7409 BOARDCOM-ACMD-7409 Datasheet
1Mb / 10P
Miniature PCS Band Duplexer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com