Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD101 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CMD101
Description  WCS Duplexer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CMD101 Datasheet(HTML) 1 Page - API Technologies Corp

  CMD101 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
___________________________________________________________________________________________________
CMD101
WCS Duplexer
Receive Channel
Transmit Channel
Passband:
5726 – 5746 MHz
Passband:
5790 – 5810 MHz
Insertion Loss:
2.0 dB max.
Insertion Loss:
2.0 dB max.
Return Loss:
15.0 dB min.
Return Loss:
15.0 dB min.
Rejection:
Rejection:
DC - 5656 MHz
95 dB min
DC - 5746 MHz
95 dB min.
5656 – 5671 MHz
65 dB min.
5746 – 5735 MHz
65 dB min
5801 - 5790 MHz
65 dB min
5865 – 5880 MHz
65 dB min.
5790 – 5810 MHz
95 dB min.
5880 MHz
95 dB min.
Isolation Tx to Rx:
95 dB min.
Isolation Rx to Tx:
95 dB min.
Operation Temp:
0 to +60°C
Storage Temp:
-40 to +85°C
Commercial Microwave Technology, Inc.
11335 Sunrise Gold Circle, Rancho Cordova, CA 95742
Phone: 916-631-4363
• Fax: 916-631-4364
www.cmtfilters.com


Similar Part No. - CMD101

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD100 APITECH-CMD100 Datasheet
116Kb / 1P
Wireless Local Loop Duplexer
logo
Visual Communications C...
CMD1000-250-04-D VCC-CMD1000-250-04-D Datasheet
105Kb / 1P
MultiPak SpaceSetter
logo
Frontier Electronics.
CMD100T0804AT FRONTIER-CMD100T0804AT Datasheet
129Kb / 2P
Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
CMD100T0804BT FRONTIER-CMD100T0804BT Datasheet
150Kb / 2P
Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
CMD100T0804CT FRONTIER-CMD100T0804CT Datasheet
129Kb / 2P
Surface mount dual common mode filter with a small size of 2.00 X 1.05 X 0.90 mm, RoHS compliant.
More results

Similar Description - CMD101

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMD317 APITECH-CMD317 Datasheet
109Kb / 1P
WCS Duplexer
logo
Pepperl+Fuchs Inc.
WCS-DG310 PF-WCS-DG310 Datasheet
208Kb / 2P
WCS interface module
WCS-ECG410 PF-WCS-ECG410 Datasheet
624Kb / 3P
WCS interface module
WCS-EIG310 PF-WCS-EIG310 Datasheet
701Kb / 2P
WCS interface module
WCS-EIG410 PF-WCS-EIG410 Datasheet
625Kb / 3P
WCS interface module
WCS-IP110 PF-WCS-IP110 Datasheet
101Kb / 2P
WCS interface module
WCS-IS311 PF-WCS-IS311 Datasheet
186Kb / 2P
WCS interface module
WCS-IS321 PF-WCS-IS321 Datasheet
187Kb / 2P
WCS interface module
WCS-PNG210 PF-WCS-PNG210 Datasheet
728Kb / 2P
WCS interface module
WCS-PNG410 PF-WCS-PNG410 Datasheet
637Kb / 3P
WCS interface module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com