Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2PAKPD Datasheet(PDF) 3 Page - Central Semiconductor Corp

Part # D2PAKPD
Description  D2PAK Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

D2PAKPD Datasheet(HTML) 3 Page - Central Semiconductor Corp

  D2PAKPD Datasheet HTML 1Page - Central Semiconductor Corp D2PAKPD Datasheet HTML 2Page - Central Semiconductor Corp D2PAKPD Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Composition Specification
D2PAK Case
Device average mass. . . . . . . . . . . . . . . . . . . . . . . . . . . . 1460 mg
Fluctuation margin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +/-10%
www.centra lsemi.com
R2 (3-June 2011)
Component
Material
Material
Substance CAS No.
Substance
(%wt)
(mg)
(%wt)
(mg)
(ppm)
active device
doped Si
0.44%
6.42
Si
7440-21-3
0.44%
6.42
4,397
leadframe
Cu alloy
64.56%
943
Cu
7440-50-8
64.52%
942
645,224
Fe
7439-89-6
0.03%
0.5
342
die attach
high temperature
solder paste
1.13%
16.5
Pb
7439-92-1
1.04%
15.25
10,446
Sn
7440-31-5
0.06%
0.825
565
Ag
7440-22-4
0.03%
0.412
282
encapsulation*
EMC
31.98%
467
silica
7631-86-9
21.75%
317.5
217,472
epoxy resin
29690-82-2
6.4%
93.4
63,974
phenol resin
9003-35-4
3.2%
46.67
31,967
Sb2O3
1309-64-4
0.32%
4.67
3,199
Br
7726-95-6
0.32%
4.67
3,199
EMC GREEN
31.98%
467
silica (fused) 60676-86-0
24.62%
359.5
246,240
epoxy resin
29690-82-2
3.2%
46.73
32,008
phenol resin
9003-35-4
3.1%
45.28
31,015
carbon black
1333-86-4
0.1%
1.4
959
metal
hydroxide
1309-42-8
0.96%
14.0
9,589
plating**
tin/lead process
1.89%
27.6
Sn
7440-31-5
1.7%
24.88
17,042
Pb
7439-92-1
0.19%
2.76
1,890
matte tin
1.89%
27.6
Sn
7440-31-5
1.89%
27.64
18,932
*EMC GREEN molding compound is Halogen-Free.
**For Lead Free plating, add suffix “LEAD FREE” to part number.
For Tin/Lead plating, add suffix “TIN/LEAD” to part number.
No suffix designation allows for the supply of either lead-free or tin/lead plated product depending on availability.
Disclaimer
The information provided in this Material Composition data sheet is, to the best of our knowledge, correct. However, there is no
guarantee to completeness or accuracy, as some information is derived from data sources outside the company.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com