Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBPD Datasheet(PDF) 3 Page - Central Semiconductor Corp

Part # SMBPD
Description  SMB Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

SMBPD Datasheet(HTML) 3 Page - Central Semiconductor Corp

  SMBPD Datasheet HTML 1Page - Central Semiconductor Corp SMBPD Datasheet HTML 2Page - Central Semiconductor Corp SMBPD Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Composition Specification
SMB Case
Device average mass. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92 mg
Fluctuation margin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +/-10%
www.centra lsemi.com
R4 (3-June 2011)
Component
Material
Material
Substance CAS No.
Substance
(%wt)
(mg)
(%wt)
(mg)
(ppm)
active device
doped Si
0.83%
0.76
Si
7440-21-3
0.83%
0.76
8,262
leadframe
copper
37%
34.04
Cu
7440-50-8
37%
34.04
370,032
die attach
high temperature
solder paste
2.45%
2.25
Pb
7439-92-1
2.26%
2.081
22,622
Sn
7440-31-5
0.12%
0.113
1,228
Ag
7440-22-4
0.06%
0.056
609
encapsulation*
EMC
58.96%
54.23
silica
7631-86-9
40.09%
36.88
400,904
epoxy resin
29690-82-2
11.79%
10.85
117,945
phenol resin
9003-35-4
5.89%
5.42
58,918
Sb2O3
1309-64-4
0.59%
0.542
5,892
Br
7726-95-6
0.59%
0.542
5,892
EMC GREEN
58.96%
54.23
silica (fused) 60676-86-0
45.4%
41.76
453,953
epoxy resin
29690-82-2
5.9%
5.423
58,951
phenol resin
9003-35-4
5.72%
5.26
57,179
carbon black
1333-86-4
0.18%
0.163
1,772
metal
hydroxide
1309-42-8
1.77%
1.628
17,697
plating**
tin/lead process
0.77%
0.71
Sn
7440-31-5
0.62%
0.566
6,153
Pb
7439-92-1
0.15%
0.142
1,544
matte tin
0.77%
0.71
Sn
7440-31-5
0.77%
0.708
7,696
*EMC GREEN molding compound is Halogen-Free.
**For Lead Free plating, add suffix “LEAD FREE” to part number.
For Tin/Lead plating, add suffix “TIN/LEAD” to part number.
No suffix designation allows for the supply of either lead-free or tin/lead plated product depending on availability.
Disclaimer
The information provided in this Material Composition data sheet is, to the best of our knowledge, correct. However, there is no
guarantee to completeness or accuracy, as some information is derived from data sources outside the company.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com