Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLM2D3D6PD Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # TLM2D3D6PD
Description  TLM2D3D6 Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

TLM2D3D6PD Datasheet(HTML) 2 Page - Central Semiconductor Corp

  TLM2D3D6PD Datasheet HTML 1Page - Central Semiconductor Corp TLM2D3D6PD Datasheet HTML 2Page - Central Semiconductor Corp TLM2D3D6PD Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.centr a lsemi.com
R0 (5-May 2011)
Package Details
TLM2D3D6 Case
Tape Dimensions and Orientation (Dimensions in mm)
Tape Width: 8mm
Reel Labeling Information
Each reel is labeled with the following information:
Central Part Number, Customer Part Number, Purchase Order Number,
Quantity, Lot Number, Date Code, Ship Date and Marking Code.
Packaging Base
7” Reel
=
8,000 pcs.
Reel Packing Information
Ordering Information
• For devices taped and reeled on 7” reels, add TR suffix to part number.
• All SMDs are available in small quantities for prototype and manual placement applications.
Devices are taped in
accordance with
Electronic Industries
Association Standard
EIA-481-1-A
Reel
Size
Reels per
Box
(Maximum)
Parts per
Box
(Maximum)
Box Dimensions
Shipping Weight (Max.)
INCH
CM
LB
KG
7”
9
18
40
108
72,000
144,000
320,000
864,000
9x9x5
9x9x9
21x9x9
27x9x17
23x23x13
23x23x23
53x23x23
69x23x43
3
6
13
34
2
3
6
16
Direction of Unreeling



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com