Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLM364PD Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # TLM364PD
Description  TLM364 Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

TLM364PD Datasheet(HTML) 2 Page - Central Semiconductor Corp

  TLM364PD Datasheet HTML 1Page - Central Semiconductor Corp TLM364PD Datasheet HTML 2Page - Central Semiconductor Corp TLM364PD Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.centr a lsemi.com
R0 (27-March 2013)
Package Details
TLM364 Case
Tape Dimensions and Orientation (Dimensions in mm)
Tape Width: 12mm
Devices are taped in
accordance with
Electronic Industries
Association Standard
EIA-481-D
Direction of Unreeling
Reel Labeling Information
Each reel is labeled with the following information:
Central Part Number, Customer Part Number, Purchase Order Number,
Quantity, Lot Number, Date Code, Ship Date and Marking Code.
Packaging Base
13” Reel =
5,000 pcs.
Reel Packing Information
Ordering Information
• For devices taped and reeled on 13” reels, add TR13 suffix to part number.
• All SMDs are available in small quantities for prototype and manual placement applications.
Reel
Size
Reels per
Box
(Maximum)
Parts per
Box
(Maximum)
Box Dimensions
Shipping Weight (Max.)
INCH
CM
LB
KG
13”
5
14
26
25,000
70,000
130,000
15x4x15
15x15x9
15x15x18
38x10x38
38x38x23
38x38x46
12
32
57
6
15
26



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com