Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV0708 Datasheet(PDF) 8 Page - Aplus Intergrated Circuits

Part # AV0708
Description  single-chip voice synthesizing CMOS IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV0708 Datasheet(HTML) 8 Page - Aplus Intergrated Circuits

Back Button AV0708 Datasheet HTML 2Page - Aplus Intergrated Circuits AV0708 Datasheet HTML 3Page - Aplus Intergrated Circuits AV0708 Datasheet HTML 4Page - Aplus Intergrated Circuits AV0708 Datasheet HTML 5Page - Aplus Intergrated Circuits AV0708 Datasheet HTML 6Page - Aplus Intergrated Circuits AV0708 Datasheet HTML 7Page - Aplus Intergrated Circuits AV0708 Datasheet HTML 8Page - Aplus Intergrated Circuits AV0708 Datasheet HTML 9Page - Aplus Intergrated Circuits AV0708 Datasheet HTML 10Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AVxx08 Series
Rev 1.3
2003/9/18
7
9. TIMING DIAGRAM:
Edge Trigger
Tw
Tw
Sub_table N
Sub_table N
TG1/SC
AUDIO
AUDIO
Level Trigger
Tw
Sub_table N
TG1
AUDIO
Sub_table N
TG1
AUDIO
Sub_table N
Sub_table N
Tw
Edge Trigger
Level Trigger
1.> Edge/Level
Level M ode:
Edge M ode:
* Note: Tw is the minimum pulse w idth > debounce time (5.3ms or 20.8us at 6kHz).
TG1/SC
Edge Trigger
Tw
Tw
Sub_table N
Sub_table N
TG1/SC
AUDIO
AUDIO
Level Trigger
Tw
Sub_table N
TG1
AUDIO
Sub_table N
TG1
AUDIO
Sub_table N
Sub_table N
Tw
Edge Trigger
Level Trigger
1.> Edge/Level
Level M ode:
Edge M ode:
* Note: Tw is the minimum pulse w idth > debounce time (5.3ms or 20.8us at 6kHz).
TG1/SC
Sub_table N
TG1/IO1
AUDIO
Sub_table N
TG1/IO1
AUDIO
2.> Hold/Unhold
Unhold:
Hold:
* Note: Both Edge and Level have Hold and Unhold option.
Sub_table N
TG1/IO1
AUDIO
Sub_table N
TG1/IO1
AUDIO
2.> Hold/Unhold
Unhold:
Hold:
* Note: Both Edge and Level have Hold and Unhold option.
Sub_table N
TG1/IO1
AUDIO
3.> Retrigger/Irretrigger
Irretrigger:
Retrigger:
Play from beginning immediately.
Sub_table N
Sub_table N
TG1/IO1
AUDIO
Sub_table N
Sub_table N
Ignore trigger input signal during playing.
Sub_table N
TG1/IO1
AUDIO
3.> Retrigger/Irretrigger
Irretrigger:
Retrigger:
Play from beginning immediately.
Sub_table N
Sub_table N
TG1/IO1
AUDIO
Sub_table N
Sub_table N
Ignore trigger input signal during playing.
Voice
AUDIO
Stop_High pulse
LED 3Hz/6Hz flash
4.> Status Output (IO1)
Busy_High active
Busy_Low active
LED dynamic 2/4 : When the voice amplitude is higher than 2/4 full-scale amplitude, LED ON.
LED ON means status output low.
Mute
3Hz or 6Hz for playing speed at 6kHz
172ms at 6kHz
Voice
AUDIO
Stop_High pulse
LED 3Hz/6Hz flash
4.> Status Output (IO1)
Busy_High active
Busy_Low active
LED dynamic 2/4 : When the voice amplitude is higher than 2/4 full-scale amplitude, LED ON.
LED ON means status output low.
Mute
3Hz or 6Hz for playing speed at 6kHz
172ms at 6kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com