Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

139RPFS Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 139RPFS
Description  Quad Comparators, Low Offset Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

139RPFS Datasheet(HTML) 3 Page - Maxwell Technologies

  139RPFS Datasheet HTML 1Page - Maxwell Technologies 139RPFS Datasheet HTML 2Page - Maxwell Technologies 139RPFS Datasheet HTML 3Page - Maxwell Technologies 139RPFS Datasheet HTML 4Page - Maxwell Technologies 139RPFS Datasheet HTML 5Page - Maxwell Technologies 139RPFS Datasheet HTML 6Page - Maxwell Technologies 139RPFS Datasheet HTML 7Page - Maxwell Technologies 139RPFS Datasheet HTML 8Page - Maxwell Technologies 139RPFS Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
All data sheets are subject to change without notice
©2008 Maxwell Technologies
All rights reserved.
Quad Comparators, Low Offset Voltage
139
04.08.08 Rev1
TABLE 5. 139 ELECTRICAL CHARACTERISTICS
(V+ = 5V, T
A = -55 TO 125° C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBO
L
TEST CONDITIONS
SUB-
GROUPS
MIN
TYP
MAX
UNIT
Input Offset Voltage
V
IO
1
1. At output switch point, V
O=1.4V, RS=0Ω with V+ from 5VDC to 30 VDC; and over the full input common-mode range (0VDC to V+-
1.5V
DC).
+25°C
1
--
2
5
mV
DC
-55 to 125°C
2,3
--
--
9
Input Bias Current
I
IB
I
IN(+) or IIN(-) with Output in Linear
Range,2, V
CM = 0V
2. The direction of the input current is out of the IC due to the PNP input stage. This current essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
+25°C
1
--
25
100
nA
DC
-55 to 125°C
2,3
--
--
300
Input Offset Current
I
IO
I
IN(+) - IIN(-), VCM = 0V
+25°C
1
--
3
25
nA
DC
-55 to 125°C
2,3
--
--
100
Input Common Mode
Voltage Range
V
CM
V+ = 30 V
DC
3
3. The input common-mode voltage or either input voltage signal should not be allowed to go negative by more than 0.3V. The upper
end of the common-mode voltage range is V+-1.5V at 25°C, but either or both inputs can go to +30V without damage, independent of
the magnitude of V+.
+25°C
1
0
V+ -1.5
V
DC
-55 to 125°C
2,3
0
--
V+ -2.0
Supply Current
I
CC
R
L=∞on all comparators, V+ = 30V
+25°C
1
--
0.8
2.0
mA
DC
-55 to 125°C
2,3
--
--
3.0
Voltage Gain
A
V
R
L > 15kΩ, V+=15VDC;
V
O = 1VDC to 11 VDC
( To support large V
O swing)
+25°C
1
50
200
--
V/mV
Large Signal Response
Time
t
r
V
IN = TTL Logic Swing,
V
REF = 1.4V, VRL = 5V
DC,
R
I = 5.1kΩ
2
+25°C
1
--
300
--
ns
Response Time
t
Rtil
V
RL = 5V
DC, RL = 5.1kΩ
4
4. The response time specified is for a 100mV input step with 5 mV overdrive. For larger overdrive signals 300 ns can be obtained.
+25°C
1
--
1.3
--
µ s
Output Sink Current
I
SINK
V
IN(-) = 1VDC, VIN(+) = 0,
V
O < 1.5VDC
+25°C
1
6.0
16
--
mA
DC
Saturation Voltage
V
SAT
V
IN(-) > 1V, VIN(+) = 0,
I
SINK < 4 mA
+25°C
1
--
250
400
mV
DC
-55 to 125°C
2,3
--
--
700
Output Leakage Current
I
CEX
V
IN(+) = 1VDC, VIN(-) = 0,
V
O = 5VDC VIN(-) = 0
+25°C
1
--
0.1
--
nA
DC
-55 to 125°C
2,3
--
--
1.0
µ A
DC
Differential Input Voltage
V
diff
Keep all V
IN’s > 0 VDC
(or V- if used)5
5. Positive excursions of input voltage may exceed the power level as long as the other voltage remains within the common mode range,
the comparator will provide a proper output state. The low input voltage state must not be less than -0.3 V
DC (or 0.3VDC below the
magnitude of the negative power supply, if used) (at 25°C).
-55 to 125°C
2,3
--
--
36
V
DC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com