Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCAP0005 Datasheet(PDF) 2 Page - Maxwell Technologies

Part # BCAP0005
Description  HC SERIES ULTRACAPACITORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

BCAP0005 Datasheet(HTML) 2 Page - Maxwell Technologies

  BCAP0005 Datasheet HTML 1Page - Maxwell Technologies BCAP0005 Datasheet HTML 2Page - Maxwell Technologies BCAP0005 Datasheet HTML 3Page - Maxwell Technologies BCAP0005 Datasheet HTML 4Page - Maxwell Technologies BCAP0005 Datasheet HTML 5Page - Maxwell Technologies BCAP0005 Datasheet HTML 6Page - Maxwell Technologies BCAP0005 Datasheet HTML 7Page - Maxwell Technologies BCAP0005 Datasheet HTML 8Page - Maxwell Technologies BCAP0005 Datasheet HTML 9Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Page 2
Document number: 1013793.9
maxwell.com
DATASHEET
HC SERIES ULTRACAPACITORS
ELECTRICAL
BCAP0025
T01/T11
BCAP0050
BCAP0100 T01
BCAP0100 T07
BCAP0150
Rated Capacitance1
25 F
50 F
100 F
100 F
150 F
Minimum Capacitance, initial1
25 F
50 F
100 F
100 F
150 F
Maximum ESR
DC, initial
1
42 mΩ
20 mΩ
15 mΩ
15 mΩ
14 mΩ
Test Current for Capacitance and ESR
DC
1
2.5 A
5 A
10 A
10 A
15 A
Rated Voltage (65o/85oC)
2.70 / 2.30 V
2.70 / 2.30 V
2.70 / 2.30 V
2.70 / 2.30 V
2.70 / 2.30 V
Absolute Maximum Voltage2
2.85 V
2.85 V
2.85 V
2.85 V
2.85 V
Absolute Maximum Current
20 A
27 A
36 A
36 A
40 A
Leakage Current at 25oC, maximum 3
0.045 mA
0.075 mA
0.260 mA
0.260 mA
0.500 mA
TEMPERATURE
Operating temperature range
(Cell case temperature)
Minimum
-40oC
-40oC
-40oC
-40oC
-40oC
Maximum
65o / 85oC
65o / 85oC
65o / 85oC
65o / 85oC
65o / 85oC
Storage temperature range
(Stored uncharged)
Minimum
-40oC
-40oC
-40oC
-40oC
-40oC
Maximum
70oC
70oC
70oC
70oC
70oC
PHYSICAL
Mass, typical
7.5 g
13 g
23 g
22 g
32 g
Terminals
Wire Leads
Wire Leads
Wire Leads
Snap In
Snap in
Vibration
-
-
-
-
-
Shock
-
-
-
-
-
PRODUCT SPECIFICATIONS (Cont'd)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com