Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV4216K Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # AV4216K
Description  single-chip voice synthesizing CMOS IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV4216K Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button AV4216K Datasheet HTML 2Page - Aplus Intergrated Circuits AV4216K Datasheet HTML 3Page - Aplus Intergrated Circuits AV4216K Datasheet HTML 4Page - Aplus Intergrated Circuits AV4216K Datasheet HTML 5Page - Aplus Intergrated Circuits AV4216K Datasheet HTML 6Page - Aplus Intergrated Circuits AV4216K Datasheet HTML 7Page - Aplus Intergrated Circuits AV4216K Datasheet HTML 8Page - Aplus Intergrated Circuits AV4216K Datasheet HTML 9Page - Aplus Intergrated Circuits AV4216K Datasheet HTML 10Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AVxx16K Series
Rev 1.1
2003/9/18
5
3. BLOCK DIAGRAM:
4. PAD DESCRIPTION:
Pad Name
Pad No.
ATTR.
Function
OKY
1
I/O
One-Key Input for trigger.
IO1
2
I/O
Status output or input for trigger.
IO2
3
I
Status output or input for trigger.
GND1, 2
4, 8
Power
Negative power supply.
PWM1
5
O
Audio output.
Vdd
6
Power
Positive power supply.
PWM2
7
O
Audio output.
OSC
9
I
Oscillator input. For using internal oscillator, connect OSC to GND.
5. CODE DEVELOPMENT & DEMO SYSTEM:
User can use “EzSpeech“ software tool to develop the desired functions. For details, please see EzSpeech
user manual. After finishing the code programming, user will get 2 files of “.bin” and “.htm”, the binary file
and function check list. User can download the “.bin” file into 4EA_DB demo board to demonstrate the
AVxx16K function. The related mapping of 4EA_DB is as below,
AVxx16K
4EA_DB
4EA_DB
Description
OKY
PRA0
PRA0 performs OKY input.
IO1/IO2 as Input
PRA1/PRA2
PRA1/PRA2 perform IO1/IO2 input mode.
IO1/IO2 as Output
PRB0/PRB1
PRB0/PRB1 perform IO1/IO2 output mode.
PWM1, PWM2
PWM1, PWM2
PWM output to directly drive speaker.
I/O Pin
OSC
OSC1
OSC1 connect 150K ohms resistor to Vdd.
For some input type option, user may need to connect an external resistor. Please refer to the table below,
AVxx16K
4EA_DB
4EA_DB
Description
CDS + 1M
CDS + 1M
The same.
CDS
CDS + 1M
Almost the same.
1M pull-low
Floating
Need to connect 1M external resistor to GND.
10M pull-low
Floating
Need to connect 10M external resistor to GND.
Input
Type
Floating
Floating
The same.
Once the function has been approved, user only need to send the “.bin” file to Aplus for co de tape-out.
VOICE
ROM
TIMING
GENERATOR
C
O
N
T
R
O
L
L
O
G
I
C
OKY
IO1
CLOCK
GENETATOR
5-bit LOG_PCM
DECODER
OUTPUT
BUFFER
P
W
M
1
P
W
M
2
OSC
IO2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com