Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV4332E Datasheet(PDF) 10 Page - Aplus Intergrated Circuits

Part # AV4332E
Description  21, 32, 43, 65 and 87 Seconds Complicate Pure Speech
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV4332E Datasheet(HTML) 10 Page - Aplus Intergrated Circuits

Back Button AV4332E Datasheet HTML 3Page - Aplus Intergrated Circuits AV4332E Datasheet HTML 4Page - Aplus Intergrated Circuits AV4332E Datasheet HTML 5Page - Aplus Intergrated Circuits AV4332E Datasheet HTML 6Page - Aplus Intergrated Circuits AV4332E Datasheet HTML 7Page - Aplus Intergrated Circuits AV4332E Datasheet HTML 8Page - Aplus Intergrated Circuits AV4332E Datasheet HTML 9Page - Aplus Intergrated Circuits AV4332E Datasheet HTML 10Page - Aplus Intergrated Circuits AV4332E Datasheet HTML 11Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AVXX32E-B SERIES
Bonding Diagram
Y
X
VSS
PWM2
PWM1
VDD
DAC
OSC
OKY_RW3
RW2_OPA
RW1_OPB
TG3_OPC
TG2_OPD
TEST
TG1
TG0
Note: The IC substrate should be connect to VSS
(1)
AV2132E
PIN Name
X(mm)
Y(mm)
OKY_RW3
250.75
94.00
RW2_OPA
451.50
94.25
RW1_OPB
660.25
94.25
TG3_OPC
861.00
94.25
TG2_OPD
1069.75
94.25
TEST
1270.25
94.25
OSC
94.00
271.25
TG1
1313.25
297.00
DAC
94.00
472.25
TG0
1313.25
501.00
VSS
410.75
1419.50
PWM2
631.00
1440.00
PWM1
1049.50
1440.00
VDD
1331.00
1440.00
DIE SIZE = 1510 * 1655 m^2 (X*Y)
(2)
AV3232E
PIN Name
X(mm)
Y(mm)
OKY_RW3
250.75
94.00
RW2_OPA
451.50
94.25
RW1_OPB
660.25
94.25
TG3_OPC
861.00
94.25
TG2_OPD
1069.75
94.25
TEST
1270.25
94.25
OSC
94.00
271.25
TG1
1313.25
297.00
DAC
94.00
472.25
TG0
1313.25
501.00
VSS
410.75
1649.50
PWM2
631.00
1670.00
PWM1
1049.50
1670.00
VDD
1331.00
1670.00
DIE SIZE = 1510 * 1885 m^2 (X*Y)
10-9
Ver. 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com