Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM628 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM628
Description  LM628/LM629 Precision Motion Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM628 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM628 Datasheet HTML 6Page - Texas Instruments LM628 Datasheet HTML 7Page - Texas Instruments LM628 Datasheet HTML 8Page - Texas Instruments LM628 Datasheet HTML 9Page - Texas Instruments LM628 Datasheet HTML 10Page - Texas Instruments LM628 Datasheet HTML 11Page - Texas Instruments LM628 Datasheet HTML 12Page - Texas Instruments LM628 Datasheet HTML 13Page - Texas Instruments LM628 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
LM628, LM629
SNVS781C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Figure 11. Typical Velocity Profiles
VELOCITY PROFILE (TRAJECTORY) GENERATION
The trapezoidal velocity profile generator computes the desired position of the motor versus time. In the position
mode of operation, the host processor specifies acceleration, maximum velocity, and final position. The LM628
uses this information to affect the move by accelerating as specified until the maximum velocity is reached or
until deceleration must begin to stop at the specified final position. The deceleration rate is equal to the
acceleration rate. At any time during the move the maximum velocity and/or the target position may be changed,
and the motor will accelerate or decelerate accordingly. Figure 11 illustrates two typical trapezoidal velocity
profiles. Figure 11(a) shows a simple trapezoid, while Figure 11(b) is an example of what the trajectory looks like
when velocity and position are changed at different times during the move.
When operating in the velocity mode, the motor accelerates to the specified velocity at the specified acceleration
rate and maintains the specified velocity until commanded to stop. The velocity is maintained by advancing the
desired position at a constant rate. If there are disturbances to the motion during velocity mode operation, the
long-time average velocity remains constant. If the motor is unable to maintain the specified velocity (which could
be caused by a locked rotor, for example), the desired position will continue to be increased, resulting in a very
large position error. If this condition goes undetected, and the impeding force on the motor is subsequently
released, the motor could reach a very high velocity in order to catch up to the desired position (which is still
advancing as specified). This condition is easily detected; see commands LPEI and LPES.
All trajectory parameters are 32-bit values. Position is a signed quantity. Acceleration and velocity are specified
as 16-bit, positive-only integers having 16-bit fractions. The integer portion of velocity specifies how many counts
per sampling interval the motor will traverse. The fractional portion designates an additional fractional count per
sampling interval. Although the position resolution of the LM628 is limited to integer counts, the fractional counts
provide increased average velocity resolution. Acceleration is treated in the same manner. Each sampling
interval the commanded acceleration value is added to the current desired velocity to generate a new desired
velocity (unless the command velocity has been reached).
One determines the trajectory parameters for a desired move as follows. If, for example, one has a 500-line shaft
encoder, desires that the motor accelerate at one revolution per second per second until it is moving at 600 rpm,
and then decelerate to a stop at a position exactly 100 revolutions from the start, one would calculate the
trajectory parameters as follows:
let
P = target position (units = encoder counts)
let
R = encoder lines * 4 (system resolution)
then R = 500 * 4 = 2000
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM628 LM629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com