Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM810 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM810
Description  LM809/LM810 3-Pin Microprocessor Reset Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM810 Datasheet(HTML) 3 Page - Texas Instruments

  LM810 Datasheet HTML 1Page - Texas Instruments LM810 Datasheet HTML 2Page - Texas Instruments LM810 Datasheet HTML 3Page - Texas Instruments LM810 Datasheet HTML 4Page - Texas Instruments LM810 Datasheet HTML 5Page - Texas Instruments LM810 Datasheet HTML 6Page - Texas Instruments LM810 Datasheet HTML 7Page - Texas Instruments LM810 Datasheet HTML 8Page - Texas Instruments LM810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LM809, LM810
www.ti.com
SNVS052D – SEPTEMBER 1999 – REVISED MAY 2013
Electrical Characteristics
VCC = full range, TA = −40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V for
4.63/4.38/4.00 versions, VCC = 3.3V for 3.08/2.93 versions, and VCC = 3V for 2.63/2.45 version
(1).
Parameter
Test Conditions
Min
Typ
Max
Units
TA = 0°C to +70°C
1.0
5.5
VCC Range
V
TA = −40°C to +105°C
1.2
5.5
TA = −40°C to
VCC<5.5V, LM8_ _ -
18
60
+85°C
4.63/4.38/4.00
VCC<3.6V, LM8_ _ -
15
50
3.08/2.93/2.63/2.45
ICC
Supply Current
µA
TA = +85°C to
VCC<5.5V, LM8_ _ -
100
+105°C
4.63/4.38/4.00
VCC<3.6V, LM8_ _ -
100
3.08/2.93/2.63/2.45
TA = +25°C
4.56
4.63
4.70
LM8_ _ -4.63
TA = −40°C to +85°C
4.50
4.75
TA = +85°C to +105°C
4.40
4.86
TA = +25°C
4.31
4.38
4.45
LM8_ _ -4.38
TA = −40°C to +85°C
4.25
4.50
TA = +85°C to +105°C
4.16
4.56
TA = +25°C
3.93
4.00
4.06
LM8_ _ -4.00
TA = −40°C to +85°C
3.89
4.10
TA = +85°C to +105°C
3.80
4.20
TA = +25°C
3.04
3.08
3.11
VTH
Reset Threshold(2)
LM8_ _ -3.08
TA = −40°C to +85°C
3.00
3.15
V
TA = +85°C to +105°C
2.92
3.23
TA = +25°C
2.89
2.93
2.96
LM8_ _ -2.93
TA = −40°C to +85°C
2.85
3.00
TA = +85°C to +105°C
2.78
3.08
TA = +25°C
2.59
2.63
2.66
LM8_ _ -2.63
TA = −40°C to +85°C
2.55
2.70
TA = +85°C to +105°C
2.50
2.76
TA = +25°C
2.41
2.45
2.49
LM8_ _ -2.45
TA = −40°C to +85°C
2.38
2.52
TA = +85°C to +105°C
2.33
2.57
Reset Threshold Temperature
30
ppm/°C
Coefficient
VCC to Reset Delay
(2)
VCC = VTH to (VTH − 100mV)
20
µs
TA = −40°C to +85°C
140
240
560
Reset Active Timeout Period
ms
TA = +85°C to +105°C
100
840
VCC = VTH min, ISINK = 1.2mA, LM809-
0.3
2.45/2.63/2.93/3.08
RESET Output Voltage Low
VOL
VCC = VTH min, ISINK = 3.2mA, LM809-
0.4
V
(LM809)
4.63/4.38/4.00
VCC > 1.0V, ISINK = 50µA
0.3
VCC > VTH max, ISOURCE = 500µA, LM809-
0.8VCC
2.45/2.63/2.93/3.08
RESET Output Voltage High
VOH
V
(LM809)
VCC > VTH max, ISOURCE = 800µA, LM809-
VCC−1.5
4.63/4.38/4.00
(1)
Production testing done at TA = +25°C, over temperature limits specified by design only.
(2)
RESET Output for LM809, RESET output for LM810.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM809 LM810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com