Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3LS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CA3LS
Description  Connectors for mains connection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CA3LS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CA3LS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6 Industrial connectors
Connectors for mains connection
IEC 60947-5-2
3 + PE
Cable connector
934 124-100
Type of connection: screw
Conductor cross-section: max. 1.5 mm2
Operating voltage: 250 V DC / 400 V AC
Operating current: 10 A DC / 16 A AC
3 + PE
Cable socket
934 125-100
Type of connection: screw
Conductor cross-section: max. 1.5 mm2
Operating voltage: 250 V DC / 400 V AC
Operating current: 10 A DC / 16 A AC
3 + PE
Cable connector
934 128-100
Type of connection: screw
Conductor cross-section: max. 1.5 mm2
Operating voltage: 250 V DC / 400 V AC
Operating current: 10 A DC / 16 A AC
3 + PE
Cable socket
934 129-100
Type of connection: screw
Conductor cross-section: max. 1.5 mm2
Operating voltage: 250 V DC / 400 V AC
Operating current: 10 A DC / 16 A AC
CA 3 LS
CA 3 LD
CA 3 W LS
CA 3 W LD
Product description
Robust, universal circular connector
for machinery engineering in general,
control engineering, electrical medical
equipment as well as for the chemi-
cal industry.
• International approvals for world-
wide use: VDE, UR, SEV, CSA
• Housings made of impact-resistant
plastic with screw locking system
for troublefree, permanent connec-
tions
• Easy handling for a quick assembly
with integrated strain relief
• Useful in industry due to protection
against dust and water
Basic data
Operating voltage: 250 V AC / DC,
(400 V AC 3-pole)
Operating current: 10 A AC / DC
(at 20° C), 16 A AC 3-pole (at 20° C)
Protection class: IP 67
Pollution severity class: 3
Strain relief by means of cable:
6 mm-12 mm
Contact surface: Cu Zn
CA-series
Type
Number
Description
Order no.
of poles


Similar Part No. - CA3LS

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
CA3-100-KB RCD-CA3-100-KB Datasheet
253Kb / 1P
FILTER CHOKES, 1 to 25 AMP
CA3-100-KBQ RCD-CA3-100-KBQ Datasheet
253Kb / 1P
FILTER CHOKES, 1 to 25 AMP
CA3-100-KBW RCD-CA3-100-KBW Datasheet
253Kb / 1P
FILTER CHOKES, 1 to 25 AMP
CA3-271-KB RCD-CA3-271-KB Datasheet
253Kb / 1P
FILTER CHOKES, 1 to 25 AMP
CA3-271-KBQ RCD-CA3-271-KBQ Datasheet
253Kb / 1P
FILTER CHOKES, 1 to 25 AMP
More results

Similar Description - CA3LS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1401T PHILIPS-TEA1401T Datasheet
166Kb / 20P
Power plug for the universal mains
1997 Mar 07
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
logo
Panasonic Semiconductor
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
logo
List of Unclassifed Man...
SF2010-6 ETC2-SF2010-6 Datasheet
85Kb / 2P
MAINS INPUT FILTERS
logo
PHOENIX CONTACT
3045855 PHOENIX-3045855 Datasheet
111Kb / 5P
Connectors, Type of connection: Screw connection
logo
Surge Components
C42-W SURGE-C42-W Datasheet
2Mb / 6P
For connection in series with the mains
logo
Littelfuse
MS0690J-DL1TE LITTELFUSE-MS0690J-DL1TE Datasheet
1Mb / 6P
Thyristor AC controller module for mains frequency
logo
NXP Semiconductors
SSL1623PH NXP-SSL1623PH_V01 Datasheet
159Kb / 18P
SMPS IC for mains LED drivers
Rev.02-13 September 2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com