Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6171 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM6171
Description  LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6171 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM6171 Datasheet HTML 17Page - Texas Instruments LM6171 Datasheet HTML 18Page - Texas Instruments LM6171 Datasheet HTML 19Page - Texas Instruments LM6171 Datasheet HTML 20Page - Texas Instruments LM6171 Datasheet HTML 21Page - Texas Instruments LM6171 Datasheet HTML 22Page - Texas Instruments LM6171 Datasheet HTML 23Page - Texas Instruments LM6171 Datasheet HTML 24Page - Texas Instruments LM6171 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LM6171
www.ti.com
SNOS745C – MAY 1998 – REVISED MARCH 2013
Thermal resistance,
θJA, depends on parameters such as die size, package size and package material. The
smaller the die size and package, the higher
θJA becomes. The 8-pin PDIP package has a lower thermal
resistance (108°C/W) than that of 8-pin SOIC-8 (172°C/W). Therefore, for higher dissipation capability, use an 8-
pin PDIP package.
The total power dissipated in a device can be calculated as:
PD = PQ + PL
(3)
PQ is the quiescent power dissipated in a device with no load connected at the output. PL is the power dissipated
in the device with a load connected at the output; it is not the power dissipated by the load.
Furthermore,
PQ = supply current × total supply voltage with no load
PL = output current × (voltage difference between supply voltage and output voltage of the same supply)
For example, the total power dissipated by the LM6171 with VS = ±15V and output voltage of 10V into 1 kΩ load
resistor (one end tied to ground) is
PD = PQ + PL
= (2.5 mA) × (30V) + (10 mA) × (15V
− 10V)
= 75 mW + 50 mW
= 125 mW
APPLICATION CIRCUITS
Figure 63. Fast Instrumentation Amplifier
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM6171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com