Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6172 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM6172
Description  LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6172 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM6172 Datasheet HTML 9Page - Texas Instruments LM6172 Datasheet HTML 10Page - Texas Instruments LM6172 Datasheet HTML 11Page - Texas Instruments LM6172 Datasheet HTML 12Page - Texas Instruments LM6172 Datasheet HTML 13Page - Texas Instruments LM6172 Datasheet HTML 14Page - Texas Instruments LM6172 Datasheet HTML 15Page - Texas Instruments LM6172 Datasheet HTML 16Page - Texas Instruments LM6172 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LM6172
www.ti.com
SNOS792D – MAY 1999 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
unless otherwise noted, TA = 25°C
Harmonic Distortion
Harmonic Distortion
vs.
vs.
Frequency
Frequency
(VS = ±15V)
(VS = ±5V)
Figure 38.
Figure 39.
Crosstalk Rejection
Maximum Power Dissipation
vs.
vs.
Frequency
Ambient Temperature
Figure 40.
Figure 41.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM6172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com