Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1204-R50M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP1204-R50M
Description  Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1204-R50M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP1204-R50M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1204-R50M Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRP1204 Series - Shielded Power Inductors
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
L vs I Charts
2.0
1.0
1.5
0.5
2.0
05
10
15
DC Current (A)
R50
1R1
1R8
Features
Shielded construction
Unit height of 4 mm
Inductance range: 0.5 µH to 1.8 µH
Current up to 13 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communications equipment
Camcorders
LCD TVs
Car audio systems
Electrical Specifications
Product Dimensions
12.50 ± 0.30
(0.492 ± 0.012)
4.15
(0.163)
13.0
(0.512)
3.75
(0.148)
10.50
(0.413)
3.0
(0.118)
4.50
(0.177)
7.50 ± 0.25
(0.295 ± 0.010)
7.50
(0.295)
12.50 ± 0.30
(0.492 ± 0.012)
2.00
(0.079)
REF.
5.20
(0.205)
REF.
CLIP (for mounting - no electrical connection)
1
2.50
(0.098)
NOM.
6.40
(0.252)
REF.
3.00
(0.118)
NOM.
4.00 ± 0.20
(0.157 ± 0.008)
1.90 ± 0.20
(0.748 ± 0.008)
4.70
(0.185)
REF.
REF.
REF.
REF.
4.15
(0.163)
REF.
REF.
REF.
REF.
3.75
(0.148)
REF.
REF.
2
3
3
General Specifications
Test Voltage ........................................1 V
Test Frequency ..........................100 KHz
Reflow Soldering .....230 ˚C; 50 sec max.
Operating Temperature ..-55 °C to +150 °C
(Temperature rise included)
Storage Temperature..-55 °C to +150 °C
Resistance to Soldering Heat
..............................+260 °C for 10 sec.
Materials
Core .........................................Ferrite ER
Wire .............................Enameled copper
Terminal.....................................Cu/Ni/Sn
Rated Current .......Ind. drops 20 % at I sat
Temperature Rise..........40 ˚C at rated I rms
Packaging .......800 pcs. per 13-inch reel
Recommended Layout
Electrical Schematic
Initial
Inductance
Flat Point
Bourns Part No.
Inductance
at Flat Point
ref.
I rms
I sat
DCR
L0 (µH)
L1 (µH)
(A)
(A)
(A)
(mΩ) max.
SRP1204-R50M
0.75 ± 20 %
0.55 ± 20 %
2.0
13.0
14.0
3.0
SRP1204-1R1M
1.30 ± 20 %
1.10 ± 20 %
2.0
12.0
13.0
4.5
SRP1204-1R8M
2.00 ± 20 %
1.80 ± 20 %
2.0
10.0
11.0
6.0
DIMENSIONS:
MM
(INCHES)
R50


Similar Part No. - SRP1204-R50M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SRP120 MACOM-SRP120 Datasheet
81Kb / 1P
PolySwitch짰PTC Devices
logo
Bourns Electronic Solut...
SRP1205 BOURNS-SRP1205 Datasheet
261Kb / 2P
Shielded Power Inductors
SRP1205-1R0Y BOURNS-SRP1205-1R0Y Datasheet
261Kb / 2P
Shielded Power Inductors
SRP1205-1R8Y BOURNS-SRP1205-1R8Y Datasheet
261Kb / 2P
Shielded Power Inductors
SRP1205-2R5Y BOURNS-SRP1205-2R5Y Datasheet
261Kb / 2P
Shielded Power Inductors
More results

Similar Description - SRP1204-R50M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com