Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1206-R47Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP1206-R47Y
Description  Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1206-R47Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP1206-R47Y Datasheet HTML 1Page - Bourns Electronic Solutions SRP1206-R47Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRP1206 Series - Shielded Power Inductors
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
L vs I Charts
2.0
3.0
1.0
0.0
010
20
30
DC Current (A)
2R8
2R0
1R3
R80
Features
■ Shielded construction
■ Unit height of 5.7 mm
■ Inductance range: 0.47 µH to 3.3 µH
■ Current up to 30 A
■ RoHS compliant*
Applications
■ Input/output of DC/DC converters
■ Power supplies for:
•
Portable communications equipment
•
Camcorders
•
LCD TVs
•
Car audio systems
Electrical Specifications
Product Dimensions
12.50 ± 0.30
(0.492 ± 0.012)
4.15
(0.163)
13.0
(0.512)
3.75
(0.148)
10.50
(0.413)
3.00
(0.118)
4.50
(0.177)
7.50 ± 0.25
(0.295 ± 0.010)
7.50
(0.295)
12.50 ± 0.30
(0.492 ± 0.012)
2.00
(0.079)
REF.
5.20
(0.205)
REF.
CLIP (for mounting fixed)
1
2.50
(0.098)
NOM.
6.40
(0.252)
REF.
2.00
(0.079)
NOM.
5.70 ± 0.30
(0.224 ± 0.012)
1.90 ± 0.20
(0.748 ± 0.008)
4.70
(0.185)
REF.
REF.
REF.
REF.
4.15
(0.163)
REF.
REF.
REF.
REF.
3.75
(0.148)
REF.
REF.
2
3
3
General Specifications
Test Voltage ........................................1 V
Test Frequency ..........................100 KHz
Reflow Soldering .....230 ˚C; 50 sec max.
Operating Temperature ..-55 °C to +150 °C
(Temperature rise included)
Storage Temperature..-55 °C to +150 °C
Resistance to Soldering Heat
..............................+260 °C for 10 sec.
Materials
Core .........................................Ferrite ER
Wire .............................Enameled copper
Terminal .........................................Cu/Sn
Rated Current .......Ind. drops 20 % at I sat
Temperature Rise..........40 ˚C at rated I rms
Packaging .......600 pcs. per 13-inch reel
Recommended Layout
Electrical Schematic
Initial
Inductance
Flat Point
Bourns Part No.
Inductance
at Flat Point
ref.
I rms
I sat
DCR
L0 (µH)
L1 (µH)
(A)
(A)
(A)
(mΩ) max.
SRP1206-R47Y
0.70 ± 25 %
0.47 ± 25 %
5.0
30.0
30.0
2.3
SRP1206-R60Y
0.90 ± 25 %
0.60 ± 25 %
5.0
28.0
26.0
2.3
SRP1206-R80Y
1.10 ± 25 %
0.80 ± 25 %
5.0
26.0
25.0
3.2
SRP1206-1R3Y
1.50 ± 25 %
1.30 ± 25 %
4.0
22.0
19.0
3.6
SRP1206-2R0Y
2.20 ± 25 %
2.00 ± 25 %
4.0
17.0
15.0
6.0
SRP1206-2R8Y
3.00 ± 25 %
2.80 ± 25 %
3.0
15.0
13.0
7.0
SRP1206-3R3Y
3.50 ± 25 %
3.30 ± 25 %
3.0
14.0
12.0
7.0
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SRP1206-R47Y

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SRP120 MACOM-SRP120 Datasheet
81Kb / 1P
PolySwitch짰PTC Devices
logo
Bourns Electronic Solut...
SRP1204 BOURNS-SRP1204 Datasheet
258Kb / 2P
Shielded Power Inductors
SRP1204-1R1M BOURNS-SRP1204-1R1M Datasheet
258Kb / 2P
Shielded Power Inductors
SRP1204-1R8M BOURNS-SRP1204-1R8M Datasheet
258Kb / 2P
Shielded Power Inductors
SRP1204-R50M BOURNS-SRP1204-R50M Datasheet
258Kb / 2P
Shielded Power Inductors
More results

Similar Description - SRP1206-R47Y

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com