Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1206-R80Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP1206-R80Y
Description  Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1206-R80Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP1206-R80Y Datasheet HTML 1Page - Bourns Electronic Solutions SRP1206-R80Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 05/11
SRP1206 Series - Shielded Power Inductors
Packaging Specifications
26.0 - 0
(1.02 - 0)
30.4
(1.197)
2.0 ± 0.5
(.079 ± .020)
50.0 - 0
(1.97 - 0)
330.0
(13.00)
DIA.
13.0 ± 0.5
(.51 ± .020)
DIA.
13.0 ± 0.5
(.51 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
DIMENSIONS:
MM
(INCHES)
4.0
(0.157)
16.0
(0.630)
2R0
2R0
2R0
2R0
2R0
END
START
USER DIRECTION OF FEED
160
(6.299)
NO COMPONENT
MIN.
MIN.
NO COMPONENT
COMPONENTS
400
(15.748)
Soldering Profile
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
260 °C peak
190°C
150 °C
220 °C
Ramp Down
5 °C/second
<1> 255 °C
<1> Maximum of 10 seconds
between +255 °C and +260 °C
Ramp Up
4 °C/second maximum
10 seconds minimum



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com