Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1235-R15M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRP1235-R15M
Description  Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1235-R15M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRP1235-R15M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1235-R15M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1235-R15M Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3312 - 2 mm SMD Trimming Potentiometer
SRP1235 Series - Shielded Power Inductors
L vs. I Charts
0
02
46
8
10
12
14
16
18
20
0.8
1.6
2.4
3.2
4.0
4.8
5.6
6.4
7.2
8.0
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1235-4R7M
0
01
23
4
5
67
8
9
10 11 12 13
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1235-6R8M
0
02
46
8
10
12
14
16
1
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1235-5R6M
0
01
23
4
5
6
7
8
9
10
11
2
4
6
8
10
12
14
16
18
20
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1235-100M
0
0
2.4
4.8
7.2
9.6
12
2.4
4.8
7.2
9.6
12.0
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1235-8R2M
Packaging Specifications
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
DIMENSIONS:
MM
(INCHES)
24.0 ± 0.5
(0.95 ± 0.020)
2.0
± 0.5
(.079
± .020)
75.0 ± 2.0
(2.96 ± 0.08)
330.0
(13.00)
DIA.
13.5
± 0.5
(.53
± .020)
DIA.
13.5
± 0.5
(0.53
± .020)
DIA.
21.0
± 0.8
(.827
± .031)
1.5 ± 0.1
(0.059 ± 0.004)
0.15
(0.0006)
2.0 ± 0.1
(0.079 ± 0.004)
4.0 ± 0.1
(0.157 ± 0.004)
DIA.
DIA.
0.35 ± 0.05
(0.014 ± 0.020)
4.5 ± 0.1
(0.177 ± 0.004)
13.9 ± 0.1
(0.547 ± 0.004)
16.0 ± 0.1
(0.629 ± 0.004)
13.5 ± 0.1
(0.520 ± 0.004)
24.0 ± 0.3
(0.95 ± 0.012)
1.75 ± 0.1
(.069 ± 0.004)
2.7 ± 0.3
(.106 ± 0.012)
REV. 11/13



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com