Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7322MM Datasheet(PDF) 14 Page - Texas Instruments

Part # LM7322MM
Description  LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7322MM Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM7322MM Datasheet HTML 10Page - Texas Instruments LM7322MM Datasheet HTML 11Page - Texas Instruments LM7322MM Datasheet HTML 12Page - Texas Instruments LM7322MM Datasheet HTML 13Page - Texas Instruments LM7322MM Datasheet HTML 14Page - Texas Instruments LM7322MM Datasheet HTML 15Page - Texas Instruments LM7322MM Datasheet HTML 16Page - Texas Instruments LM7322MM Datasheet HTML 17Page - Texas Instruments LM7322MM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
-20
0
20
40
60
140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
80
100
120
100M
VS = r15V
RL = 10 M:
PHASE
GAIN
0
23
45
68
90
113
135
-23
158
20 pF
50 pF
200 pF
100 pF
50 pF
200 pF
100 pF
1000 pF
500 pF
1000 pF
500 pF
0
10
20
30
40
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
VS (V)
RL = 10 k:
-40°C
25°C
85°C
125°C
0
10
20
30
40
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
VS (V)
RL = 2 k:
125°C
85°C
25°C
-40°C
0
5
10
15
20
25
30
35
40
VS (V)
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
RL = 10 k:
-40°C
125°C
85°C
25°C
0
10
20
30
40
0
0.05
0.1
0.15
0.2
0.25
0.3
VS (V)
-40°C
125°C
85°C
25°C
RL = 2 k:
0
5
10
15
20
25
30
35
40
VS (V)
0
0.5
1
1.5
2
2.5
3
125°C
85°C
25°C
-40°C
VCM = V
-
+0.5V
LM7321, LM7322
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C.
IS vs. VS (LM7322)
Positive Output Swing vs. Supply Voltage
Figure 42.
Figure 43.
Positive Output Swing vs. Supply Voltage
Negative Output Swing vs. Supply Voltage
Figure 44.
Figure 45.
Open Loop Frequency Response with Various Capacitive
Negative Output Swing vs. Supply Voltage
Load
Figure 46.
Figure 47.
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com