Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP4012-R56M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP4012-R56M
Description  Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP4012-R56M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP4012-R56M Datasheet HTML 1Page - Bourns Electronic Solutions SRP4012-R56M Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Shielded construction
■ Flat wire
■ Unit height of 1.2 mm
■ Inductance range: 0.22 to 1.5
μH
■ Rated current up to 9 A
■ RoHS compliant* and halogen free**
Applications
■ DC/DC converters
■ Power supplies for:
• Portable communications equipment
• Laptop computers
• Camcorders, HDTV, car audio
systems
• Video game consoles
SRP4012 Series - Shielded Power Inductors
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen free” if (a) the Bromine (Br ) content is 900 ppm or less;
(b) the Chlorine ( Cl ) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine ( Cl ) content is 1500 ppm or less.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Specifications
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Recommended Layout
Bourns Part No.
Inductance
L (
μH) ±20 %
I rms
(A)
I sat
(A)
DCR
(m
Ω) Max.
SRP4012-R22M
0.22
9
10
9.3
SRP4012-R47M
0.47
6.5
9
20
SRP4012-R56M
0.56
5.5
8
25
SRP4012-1R0M
1.0
4.8
6.3
33.6
SRP4012-1R2M
1.2
3
6
45
SRP4012-1R5M
1.5
3
5.5
50
Soldering Profile
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
260 °C peak
190°C
150 °C
220 °C
Ramp Down
5 °C/second
<1> 255 °C
<1> Maximum of 10 seconds
between +255 °C and +260 °C
Ramp Up
4 °C/second maximum
10 seconds minimum
Electrical Schematic
General Specifications
Test Voltage ..................................0.25 V
Test Frequency ......................... 100 KHz
Reflow Soldering .. 230 °C; 50 sec. max.
Operating Temperature
................................-55 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-55 °C to +125 °C
Resistance to Soldering Heat
............................. +260 °C for 10 sec.
Materials
Core..................................................Iron
Wire ............................Enameled copper
Terminal ........................................ Cu/Sn
Rated Current ..... Ind. drops 20 % at Isat
Temperature Rise .....40 °C at rated Irms
Packaging..... 2000 pcs. per 13-inch reel
R22
4.7
(.185)
MAX.
1.0 ± 0.3
(.039 ± .012)
0.0 - 0.3
(0.0 - .012)
0.6 ± 0.1
(.024 ± .004)
4.0 ± 0.2
(.157 ± .008)
4.0 ± 0.2
(.157 ± .008)
1.2
(.047)
MAX.
6.0
(.236)
1.5
(.059)
2.2
(.087)
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - SRP4012-R56M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP4012CC BOURNS-SRP4012CC Datasheet
175Kb / 5P
Shielded Power Inductors
REV. 07/23
SRP4012CC-100M BOURNS-SRP4012CC-100M Datasheet
175Kb / 5P
Shielded Power Inductors
REV. 07/23
SRP4012CC-180M BOURNS-SRP4012CC-180M Datasheet
175Kb / 5P
Shielded Power Inductors
REV. 07/23
SRP4012CC-1R0M BOURNS-SRP4012CC-1R0M Datasheet
175Kb / 5P
Shielded Power Inductors
REV. 07/23
SRP4012CC-1R2M BOURNS-SRP4012CC-1R2M Datasheet
175Kb / 5P
Shielded Power Inductors
REV. 07/23
More results

Similar Description - SRP4012-R56M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com