Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSN2000L Datasheet(PDF) 3 Page - Maxwell Technologies

Part # HSN2000L
Description  Nuclear Event Detector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

HSN2000L Datasheet(HTML) 3 Page - Maxwell Technologies

  HSN2000L Datasheet HTML 1Page - Maxwell Technologies HSN2000L Datasheet HTML 2Page - Maxwell Technologies HSN2000L Datasheet HTML 3Page - Maxwell Technologies HSN2000L Datasheet HTML 4Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
All data sheets are subject to change without notice
©2005 Maxwell Technologies
All rights reserved.
Nuclear Event Detector
HSN-2000
01.07.05 Rev 3
MECHANICAL DIMENSIONS
Note: All dimensions in inches.
1. Standby mode is the normal state of the device, defined as having the NED output (pin 2) in the “high” state.
2. Operational mode is in effect during the timeout period of the NED signal, characterized by having the NED output in the “low”
state, causing the greatest current draw of the device.
3. BIT electrical characteristics are not guaranteed over the radiation range.
4. BIT may not meet specification when only a resistor is used to adjust the detection level. To use BIT in this situation, it is
advised that a series resistor/capacitor combination is used.
5. Guaranteed but not tested over temperature. Time delay, t
D, is measured at 50% points from the rising edge of the radiation
pulse to the falling edge of the NED output at approximately 10 times the detection level.
0.600
0.015 ± 0.003
0.100
TYP
0.500
MIN
0.495
0.795
0.145 MAX
0.070 ± 0.002
0.010 ± 0.002
14 13 12 11 10
9
8
12
345
67
14 13 12 11 10
9
8
1
234
56
7
0.795
0.600
0.100 TYP
0.495
0.300
0.145 MAX
0.200
0.016
0.020
DIA
TOP VIEW
Flatpack Hybrid Package
HSN-500F
DIP Hybrid Package
HSN-500L
All tolerances are ± 0.005 unless specified
Table 2. Notes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com