Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP7030-R15M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP7030-R15M
Description  Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP7030-R15M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP7030-R15M Datasheet HTML 1Page - Bourns Electronic Solutions SRP7030-R15M Datasheet HTML 2Page - Bourns Electronic Solutions SRP7030-R15M Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
■ Shielded construction
■ Unit height of 3.2 mm
■ Inductance range: 0.1 to 10
μH
■ Current up to 32.5 A
■ RoHS compliant*
Applications
■ Input/output of DC/DC converters
■ Power supplies for:
• Portable communications equipment
• Camcorders
• LCD TVs
• Car audio systems
SRP7030 Series - Shielded Power Inductors
Electrical Specifications
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Recommended Layout
Bourns Part No.
Inductance
L (
μH) ±20 %
I rms
(A)
I sat
(A)
DCR
(m
Ω) Max.
SRP7030-R10M
0.10
32.5
42
1.7
SRP7030-R15M
0.15
26.0
38
2.5
SRP7030-R20M
0.20
24.0
36
3.0
SRP7030-R22M
0.22
23.0
36
2.8
SRP7030-R33M
0.33
20.0
30
3.9
SRP7030-R47M
0.47
17.5
26
4.2
SRP7030-R68M
0.68
15.5
23
5.5
SRP7030-R72M
0.72
15.5
23
5.5
SRP7030-R82M
0.82
13.0
20
8.0
SRP7030-1R0M
1.0
11.0
15
10.0
SRP7030-1R5M
1.5
9.0
14
15.0
SRP7030-1R8M
1.8
8.5
13
17.0
SRP7030-2R2M
2.2
8.0
12
20.0
SRP7030-3R3M
3.3
6.0
10
30.0
SRP7030-4R7M
4.7
5.5
6.5
40.0
SRP7030-6R8M
6.8
4.5
6.0
60.0
SRP7030-8R2M
8.2
4.0
5.5
68.0
SRP7030-100M
10.0
3.0
4.5
85.0
Soldering Profile
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
260 °C peak
190°C
150 °C
220 °C
Ramp Down
5 °C/second
<1> 255 °C
<1> Maximum of 10 seconds
between +255 °C and +260 °C
Ramp Up
4 °C/second maximum
10 seconds minimum
Electrical Schematic
General Specifications
Test Voltage ..................................0.25 V
Test Frequency ......................... 100 KHz
Reflow Soldering .. 230 °C; 50 sec. max.
Operating Temperature
............................... -55 °C to +150 °C
(Temperature rise included)
Storage Temperature
............................... -55 °C to +150 °C
Resistance to Soldering Heat
.............................+260 °C for 10 sec.
Materials
Core..................................................Iron
Wire ........................... Enameled copper
Terminal ........................................Cu/Sn
Rated Current .... Ind. drops 20 % at Isat
Temperature Rise .... 40 °C at rated Irms
Packaging.....1000 pcs. per 13-inch reel
R68
6.86 ± 0.5
(0.270 ± 0.020)
6.47 ± 0.5
(0.255 ± 0.020)
7.8
(0.307)
MAX.
MAX.
1.6 ± 0.5
(0.063 ± 0.020)
2.1 ± 0.5
(0.083 ± 0.020)
7.0
(0.276)
MAX.
3.0
(.118)
MAX.
3.2
(.126)
8.7
(0.343)
3.5
(.138)
3.7
(.146)
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - SRP7030-R15M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP7030-R15FM BOURNS-SRP7030-R15FM Datasheet
367Kb / 4P
Shielded Power Inductors
More results

Similar Description - SRP7030-R15M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com