Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP8040-R10Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP8040-R10Y
Description  Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP8040-R10Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP8040-R10Y Datasheet HTML 1Page - Bourns Electronic Solutions SRP8040-R10Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRP8040 Series - Shielded Power Inductors
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
■ Shielded construction
■ Unit height of 4.2 mm
■ Inductance range: 0.10 µH to 0.22 µH
■ Current up to 35 A
■ RoHS compliant*
Applications
■ Input/output of DC/DC converters
■ Power supplies for:
•
Portable communications equipment
•
Camcorders
•
LCD TVs
•
Car audio systems
Electrical Specifications
Product Dimensions
4.4
(.173)
2.4
(.094)
2.4
(.094)
6.8
(.268)
3.0
(0.118)
TYP.
1.80
(.071)
TYP.
4.20 ± 0.30
(.165 ± .012)
3.6
(.142)
7.6 ± 0.15
(.299 ± .006)
8.2 ± 0.30
(.323 ± .012)
6.10 ± 0.15
(.240 ± .006)
9.2
(.362)
General Specifications
Test Voltage .....................................1.0 V
Test Frequency ..........................100 KHz
Reflow Soldering .....230 ˚C; 50 sec max.
Operating Temperature ..-55 °C to +150 °C
(Temperature rise included)
Storage Temperature..-55 °C to +150 °C
Resistance to Soldering Heat
..............................+260 °C for 10 sec.
Materials
Core...............................................Ferrite
Wire ..................................Tinned copper
Terminal .........................................Cu/Sn
Rated Current
....................See Electrical Specifications
Temperature Rise..........40 ˚C at rated I rms
Packaging .....1000 pcs. per 13-inch reel
Recommended Layout
Electrical Schematic
Inductance
IDC
RDC
RDC
Bourns Part No.
L (µH)
(A)
(mΩ) max.
(mΩ) typ.
SRP8040-R10Y
0.10 ± 30 %
35.0
0.65
0.49
SRP8040-R22Y
0.22 ± 30 %
25.0
0.65
0.49
Soldering Profile
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
260 °C peak
190°C
150 °C
220 °C
Ramp Down
5 °C/second
<1> 255 °C
<1> Maximum of 10 seconds
between +255 °C and +260 °C
Ramp Up
4 °C/second maximum
10 seconds minimum
DIMENSIONS:
MM
(INCHES)
SRP8040-R10Y: IDC based on inductance drop 10 % typical of L value at 20 °C.
SRP8040-R22Y: IDC based on inductance drop 30 % typical of L value at 20 °C.


Similar Part No. - SRP8040-R10Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP8540A BOURNS-SRP8540A Datasheet
545Kb / 5P
Shielded Power Inductors
10/21
SRP8540A-100M BOURNS-SRP8540A-100M Datasheet
545Kb / 5P
Shielded Power Inductors
10/21
SRP8540A-1R0M BOURNS-SRP8540A-1R0M Datasheet
545Kb / 5P
Shielded Power Inductors
10/21
SRP8540A-1R5M BOURNS-SRP8540A-1R5M Datasheet
545Kb / 5P
Shielded Power Inductors
10/21
SRP8540A-220M BOURNS-SRP8540A-220M Datasheet
545Kb / 5P
Shielded Power Inductors
10/21
More results

Similar Description - SRP8040-R10Y

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com