Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP7030-R56FM Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # SRP7030-R56FM
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP7030-R56FM Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  SRP7030-R56FM Datasheet HTML 1Page - Bourns Electronic Solutions SRP7030-R56FM Datasheet HTML 2Page - Bourns Electronic Solutions SRP7030-R56FM Datasheet HTML 3Page - Bourns Electronic Solutions SRP7030-R56FM Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3312 - 2 mm SMD Trimming Potentiometer
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
SRP7030F Series - Shielded Power Inductors
03/10
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
16.0 ± 0.5
(0.63 ± 0.020)
2.0
± 0.5
(.079
± .020)
100.0 ± 1.0
(3.937 ± .039)
330.0
(13.00)
DIA.
13.5
± 0.5
(.53
± .020)
DIA.
13.5
± 0.5
(0.53
± .020)
DIA.
12.0 ± 0.1
(.472 ± .004)
7.2 ± 0.1
(.283 ± .004)
2.0 ± 0.1
(.079 ± .004)
0.3 ± 0.1
(.012 ± .004)
QTY: 1000 PCS. PER REEL
1.50 ± 0.1
(.059 ± .004)
1.75 ± 0.1
(.069 ± .004)
7.7 ± 0.1
(.303 ± .004)
7.5 ± 0.1
(.295 ± .004)
16.0 ± 0.3
(.630 ± .012)
4.0 ± 0.1
(.157 ± .004)
3.6 ± 0.15
(.142 ± .006)
USER DIRECTION OF FEED
SRP7030F Series - Shielded Power Inductors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com