Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP7030-R68FM Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP7030-R68FM
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP7030-R68FM Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP7030-R68FM Datasheet HTML 1Page - Bourns Electronic Solutions SRP7030-R68FM Datasheet HTML 2Page - Bourns Electronic Solutions SRP7030-R68FM Datasheet HTML 3Page - Bourns Electronic Solutions SRP7030-R68FM Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SRP7030-R10FM ~ SRP7030-8R2FM:
2R2
7.6
(.299)
MAX.
1.6 ± 0.3
(.063 ± .012)
0.0 - 0.3
(0.0 - .012)
1.2 ± 0.3
(.047 ± .012)
6.5 ± 0.2
(.039 ± .008)
6.5 ± 0.2
(.039 ± .008)
3.0
(.118)
MAX.
SRP7030-100FM:
3.2
(.126)
MAX.
Features
■ Shielded construction
■ Flat wire
■ Unit height as low as 3.0 mm
■ Inductance range: 0.1 to 10
μH
■ Rated current up to 32 A
■ RoHS compliant*
Applications
■ DC/DC converters
■ Power supplies for:
• Portable communications equipment
• Laptop computers
• Camcorders, HDTV, car audio
systems
• Video game consoles
SRP7030F Series - Shielded Power Inductors
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Specifications
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Recommended Layout
Bourns Part No.
Inductance
L (
μH) ±20 %
I rms
(A)
I sat
(A)
DCR
(m
Ω) Max.
SRP7030-R10FM
0.10
32
60
1.7
SRP7030-R15FM
0.15
28
37
1.99
SRP7030-R20FM
0.20
23
34
2.4
SRP7030-R22FM
0.22
23
34
2.4
SRP7030-R33FM
0.33
18
25
3.4
SRP7030-R47FM
0.47
17
19
4.5
SRP7030-R56FM
0.56
15
17
5
SRP7030-R68FM
0.68
15
17
5
SRP7030-R82FM
0.82
12
14
6.6
SRP7030-1R0FM
1.0
11
13
7
SRP7030-1R1FM
1.1
11
13
7
SRP7030-1R5FM
1.5
10
12
10
SRP7030-2R2FM
2.2
7
11
20
SRP7030-3R3FM
3.3
7
10
24
SRP7030-4R7FM
4.7
5
7
35
SRP7030-5R6FM
5.6
5
6
45
SRP7030-6R8FM
6.8
4.5
5.5
50
SRP7030-8R2FM
8.2
4.5
5
54
SRP7030-100FM
10
3.5
5
60
Soldering Profile
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (Seconds)
120 -150 seconds
60 seconds
maximum
260 °C peak
190°C
150 °C
220 °C
Ramp Down
5 °C/second
<1> 255 °C
<1> Maximum of 10 seconds
between +255 °C and +260 °C
Ramp Up
4 °C/second maximum
10 seconds minimum
Electrical Schematic
General Specifications
Test Voltage ..................................0.25 V
Test Frequency ......................... 100 KHz
Reflow Soldering .. 230 °C; 50 sec. max.
Operating Temperature
............................... -55 °C to +125 °C
(Temperature rise included)
Storage Temperature
............................... -55 °C to +125 °C
Resistance to Soldering Heat
.............................+260 °C for 10 sec.
Materials
Core..................................................Iron
Wire ........................... Enameled copper
Terminal ........................................Cu/Sn
Rated Current .... Ind. drops 20 % at Isat
Temperature Rise .... 40 °C at rated Irms
Packaging.....1000 pcs. per 13-inch reel
8.5
(.335)
2.5
(.098)
3.7
(.146)


Similar Part No. - SRP7030-R68FM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP7030-R68M BOURNS-SRP7030-R68M Datasheet
356Kb / 3P
Shielded Power Inductors
More results

Similar Description - SRP7030-R68FM

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com