Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2021 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2021
Description  LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP2021 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMP2021 Datasheet HTML 13Page - Texas Instruments LMP2021 Datasheet HTML 14Page - Texas Instruments LMP2021 Datasheet HTML 15Page - Texas Instruments LMP2021 Datasheet HTML 16Page - Texas Instruments LMP2021 Datasheet HTML 17Page - Texas Instruments LMP2021 Datasheet HTML 18Page - Texas Instruments LMP2021 Datasheet HTML 19Page - Texas Instruments LMP2021 Datasheet HTML 20Page - Texas Instruments LMP2021 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
0
10 20 30 40 50 60 70 80 90 100
-75
-50
-25
0
25
50
75
100
125
150
175
TIME (s)
LMP2021/LMP2022
10
20
30
40
50
60
70
80
90 100
TIME (s)
-75
-50
-25
0
25
50
75
100
125
150
175
CG = 20 pF
CG = 1000 pF
CG = 0 pF
Competitor A
CG = 0 pF
CG = 0, 1, 3, 5, 8, 10, 20, 50, 75, 100, 200, 500, 1000 pF
CG = 20 pF
CG = 1000 pF
VS = 5V, VCM = VS/2, RG = 1 G:
LMP2021, LMP2022
www.ti.com
SNOSAY9E – SEPTEMBER 2008 – REVISED MARGH 2013
Table 1. RMS Input Noise Performance
RMS Input Noise (nV)
Amplifier
System Bandwidth
Gain
LMP2021/LMP2022
Competitor A
Requirement (Hz)
(V/V)
Figure 41 Circuit
Figure 42 Circuit
Figure 42 Figure 41 Circuit
100
229
See(1)
300
10
1000
763
See(1)
1030
100
229
196
300
100
1000
763
621
1030
10
71
46
95
1000
100
158
146
300
1000
608
462
1030
(1)
No significant difference in Noise measurements at AV = 10V/V
INPUT BIAS CURRENT
The bias current of the LMP2021/LMP2022 behaves differently than a conventional amplifier due to the dynamic
transient currents created on the input of an auto-zero circuit. The input bias current is affected by the charge
and discharge current of the input auto-zero circuit. The amount of current sunk or sourced from that stage is
dependent on the combination of input impedance (resistance and capacitance), as well as the balance and
matching of these impedances across the two inputs. This current, integrated in the auto-zero circuit, causes a
shift in the apparent "bias current". Because of this, there is an apparent "bias current vs. input impedance"
interaction. In the LMP2021/LMP2022 for an input resistive impedance of 1 G
Ω, the shift in input bias current can
be up to 40 pA. This input bias shift is caused by varying the input's capacitive impedance. Since the input bias
current is dependent on the input impedance, it is difficult to estimate what the actual bias current is without
knowing the end circuit and associated capacitive strays.
Figure 44 shows the input bias current of the LMP2021/LMP2022 and that of another commercially available
amplifier from a competitor. As it can be seen, the shift in LMP2021/LMP2022 bias current is much lower than
that of other chopper style or auto zero amplifiers available from other vendors.
Figure 44. Input Bias Current of LMP2021/LMP2022 is lower than Competitor A
LOWERING THE INPUT BIAS CURRENT
As mentioned in the INPUT BIAS CURRENT section, the input bias current of an auto zero amplifier such as the
LMP2021/LMP2022 varies with input impedance and feedback impedance. Once the value of a certain input
resistance, i.e. sensor resistance, is known, it is possible to optimize the input bias current for this fixed input
resistance by choosing the capacitance value that minimizes that current. Figure 45 shows the input bias current
vs. input impedance of the LMP2021/LMP2022. The value of RG or input resistance in this test is 1 GΩ. When
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMP2021 LMP2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com