Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8602MME Datasheet(PDF) 13 Page - Texas Instruments

Part # LMP8602MME
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8602MME Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP8602MME Datasheet HTML 9Page - Texas Instruments LMP8602MME Datasheet HTML 10Page - Texas Instruments LMP8602MME Datasheet HTML 11Page - Texas Instruments LMP8602MME Datasheet HTML 12Page - Texas Instruments LMP8602MME Datasheet HTML 13Page - Texas Instruments LMP8602MME Datasheet HTML 14Page - Texas Instruments LMP8602MME Datasheet HTML 15Page - Texas Instruments LMP8602MME Datasheet HTML 16Page - Texas Instruments LMP8602MME Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TCVOS (éV/°C)
30
25
20
15
10
5
0
-10 -8
-6
-4
-2
0
2
4
6
8
10
VS = 3.3V
VS = 5V
VOS (mV)
35
30
25
20
15
10
5
0
-1.0
-0.6
-0.2 0
0.2
0.6
1.0
25°C
-40°C
125°C
VOS (mV)
35
30
25
20
15
10
5
0
-1.0
-0.6
-0.2
0
0.2
0.6
1.0
25°C
-40°C
125°C
LMP8602, LMP8602Q, LMP8603, LMP8603Q
www.ti.com
SNOSB36D – JULY 2009 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, all limits ensured for at TA = 25°C, VS = 5V, GND = 0V, −22V ≤ VCM ≤ 60V, and RL = ∞, Offset
(Pin 7) connected to VS, 10nF between VS and GND.
VOS Distribution at VS = 3.3V
VOS Distribution at VS = 5V
5000 parts
5000 parts
Figure 39.
Figure 40.
TCVOS Distribution
5000 parts
Figure 41.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP8602 LMP8602Q LMP8603 LMP8603Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com