Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331IDBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331IDBVT
Description  GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV331IDBVT Datasheet(HTML) 5 Page - Texas Instruments

  LMV331IDBVT Datasheet HTML 1Page - Texas Instruments LMV331IDBVT Datasheet HTML 2Page - Texas Instruments LMV331IDBVT Datasheet HTML 3Page - Texas Instruments LMV331IDBVT Datasheet HTML 4Page - Texas Instruments LMV331IDBVT Datasheet HTML 5Page - Texas Instruments LMV331IDBVT Datasheet HTML 6Page - Texas Instruments LMV331IDBVT Datasheet HTML 7Page - Texas Instruments LMV331IDBVT Datasheet HTML 8Page - Texas Instruments LMV331IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LMV331 SINGLE
LMV393 DUAL
LMV339 QUAD
www.ti.com
SLCS136S – AUGUST 1999 – REVISED OCTOBER 2012
Electrical Characteristics
VCC+ = 5 V, GND = 0 V, at specified free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25°C
1.7
7
VIO
Input offset voltage
mV
–40°C to
9
125°C
Average temperature
αVIO
coefficient of input offset
25°C
5
μV/°C
voltage
25°C
25
250
IIB
Input bias current
nA
–40°C to
400
125°C
25°C
2
50
IIO
Input offset current
nA
–40°C to
150
125°C
IO
Output current (sinking)
VO ≤ 1.5 V
25°C
10
84
mA
25°C
0.003
Output Leakage Current
µA
–40°C to
1
125°C
Common-mode input
VICR
25°C
–0.1 to 4.2
V
voltage range
Large-signal differential
AVD
25°C
20
50
V/mV
voltage gain
25°C
200
400
VSAT
Saturation voltage
IO ≤ 4 mA
mV
–40°C to
700
125°C
25°C
60
120
LMV331
–40°C to
150
125°C
25°C
100
200
ICC
Supply current
LMV393 (both comparators)
μA
–40°C to
250
125°C
25°C
170
300
LMV339 (all four comparators)
–40°C to
350
125°C
Switching Characteristics
TA = 25°C, VCC+ = 5 V, RL = 5.1 kΩ, GND = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
Input overdrive = 10 mV
600
Propagation delay high to low level output
tPHL
ns
switching
Input overdrive = 100 mV
200
Input overdrive = 10 mV
450
Propagation delay low to high level output
tPLH
ns
switching
Input overdrive = 100 mV
300
Copyright © 1999–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com