Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331IDCKT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV331IDCKT
Description  GENERAL-PURPOSE LOW-VOLTAGE COMPARATORS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV331IDCKT Datasheet(HTML) 3 Page - Texas Instruments

  LMV331IDCKT Datasheet HTML 1Page - Texas Instruments LMV331IDCKT Datasheet HTML 2Page - Texas Instruments LMV331IDCKT Datasheet HTML 3Page - Texas Instruments LMV331IDCKT Datasheet HTML 4Page - Texas Instruments LMV331IDCKT Datasheet HTML 5Page - Texas Instruments LMV331IDCKT Datasheet HTML 6Page - Texas Instruments LMV331IDCKT Datasheet HTML 7Page - Texas Instruments LMV331IDCKT Datasheet HTML 8Page - Texas Instruments LMV331IDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LMV331 SINGLE
LMV393 DUAL
LMV339 QUAD
www.ti.com
SLCS136S – AUGUST 1999 – REVISED OCTOBER 2012
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
5.5
V
VID
Differential input voltage(3)
±5.5
V
VI
Input voltage range (either input)
0
VCC+
V
At or below TA = 25°C,
Duration of output short circuit (one amplifier) to ground(4)
Unlimited
VCC ≤ 5.5 V
8 pin
97
D package
14 pin
86
DBV package
206
DCK package
252
θJA
Package thermal impedance(5) (6)
DDU package
210
°C/W
RUC package
216
DGK package
172
8 pin
149
PW package
14 pin
113
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
(5)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage (single-supply operation)
2.7
5.5
V
VCC+ +
VOUT
Output voltage
V
0.3
TA
Operating free-air temperature
I temperature
–40
125
°C
Copyright © 1999–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com