Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPB56374AE Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # DSPB56374AE
Description  The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56374AE Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button DSPB56374AE Datasheet HTML 17Page - Freescale Semiconductor, Inc DSPB56374AE Datasheet HTML 18Page - Freescale Semiconductor, Inc DSPB56374AE Datasheet HTML 19Page - Freescale Semiconductor, Inc DSPB56374AE Datasheet HTML 20Page - Freescale Semiconductor, Inc DSPB56374AE Datasheet HTML 21Page - Freescale Semiconductor, Inc DSPB56374AE Datasheet HTML 22Page - Freescale Semiconductor, Inc DSPB56374AE Datasheet HTML 23Page - Freescale Semiconductor, Inc DSPB56374AE Datasheet HTML 24Page - Freescale Semiconductor, Inc DSPB56374AE Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Signal Groupings
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
21
SDO2_1
Output
GPIO
disconnected
Serial Data Output 2—When programmed as a transmitter,
SDO2_1 is used to transmit data from the TX2 serial
transmit shift register.
SDI3_1
Input
Serial Data Input 3—When programmed as a receiver,
SDI3_1 is used to receive serial data into the RX3 serial
receive shift register.
PE9
Input, output, or
disconnected
Port E9—When the ESAI_1 is configured as GPIO, this
signal is individually programmable as input, output, or
internally disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
SDO1_1
Output
GPIO
disconnected
Serial Data Output 1—SDO1_1 is used to transmit data
from the TX1 serial transmit shift register.
PE10
Input, output, or
disconnected
Port E10—When the ESAI is configured as GPIO, this
signal is individually programmable as input, output, or
internally disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
SDO0_1
Output
GPIO
disconnected
Serial Data Output 0—SDO0_1 is used to transmit data
from the TX0 serial transmit shift register.
PE11
Input, output, or
disconnected
Port E11—When the ESAI_1 is configured as GPIO, this
signal is individually programmable as input, output, or
internally disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
Table 11. Enhanced Serial Audio Interface_1 Signals (continued)
Signal Name
Signal Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com