Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASAT10 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASAT10
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASAT10 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASAT10 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 3.0 mA
45
V
BVCEO
IC = 3.0 mA
12
V
BVEBO
IE = 3.0 mA
3.5
V
hFE
VCE = 5.0 V
IC = 600 mA
15
150
---
COB
VCB = 28 V
f = 1.0 MHz
7.0
pF
PG
ηη
C
VCC = 28 V
POUT = 10 W
f = 1.65 GHz
11
45
dB
%
NPN SILICON RF POWER TRANSISTOR
ASAT10
DESCRIPTION:
The
ASI ASAT10 is Designed for
FEATURES:
• Input Matching Network
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
2.3 A
VCBO
45 V
VCEO
15 V
VEBO
3.5 V
PDISS
29 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
6.0
OC/W
PACKAGE STYLE .250 2L FLG(A)
ORDER CODE: ASI10517
MINIMUM
inches / mm
.055 / 1.40
.635 / 16.13
.124 / 3.15
.243 / 6.17
.739 / 18.77
B
C
D
E
F
G
A
MAXIMUM
.253 / 6.43
.749 / 19.02
.665 / 16.89
inches / mm
.065 / 1.65
H
.002 / 0.05
.006 / 0.15
DIM
K
L
I
J
.055 / 1.40
.075 / 1.91
.245 / 6.22
.065 / 1.65
.095 / 2.41
.255 / 6.48
.315 / 8.00
.325 / 8.26
.190 / 4.83
K
J
I
L
M
B
.050 x 45°
Ø .130 NOM.
H
G
F
E
C
D
.020 x 45°
A
.555 / 14.10
.565 / 14.35
M
.092 / 2.34


Similar Part No. - ASAT10

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASAT15 ASI-ASAT15 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
More results

Similar Description - ASAT10

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com