Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR74-470-R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DR74-470-R
Description  High Power Density, High Efficiency, Shielded Inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DR74-470-R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DR74-470-R Datasheet HTML 1Page - List of Unclassifed Manufacturers DR74-470-R Datasheet HTML 2Page - List of Unclassifed Manufacturers DR74-470-R Datasheet HTML 3Page - List of Unclassifed Manufacturers DR74-470-R Datasheet HTML 4Page - List of Unclassifed Manufacturers DR74-470-R Datasheet HTML 5Page - List of Unclassifed Manufacturers DR74-470-R Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1207
BU-SB07327
Page 3 of 6
Data Sheet 4315
Part Number
Rated
OCL(1)
Irms(2)
Isat(3)
DCR(4)
Volt-µSec(5)
Inductance
+/-20%
Amps
Amps
(Ω
Ω
)
Typ.
(µH)
(µH)
Peak
Typ.
DR127-R47-R
0.47
0.419
17.9
56.0
0.00195
3.50
DR127-1R0-R
1.00
0.821
15.5
40.0
0.00313
4.90
DR127-1R5-R
1.50
1.357
13.5
31.1
0.00341
6.30
DR127-2R2-R
2.20
2.027
12.5
25.5
0.00402
7.70
DR127-3R3-R
3.30
2.831
10.5
21.5
0.00567
9.10
DR127-4R7-R
4.70
4.841
8.25
16.5
0.00917
11.9
DR127-6R8-R
6.80
7.387
7.34
13.3
0.0116
14.7
DR127-8R2-R
8.20
8.861
6.32
12.2
0.0157
16.1
DR127-100-R
10.0
10.47
6.04
11.2
0.0172
17.5
DR127-150-R
15.0
14.09
5.03
9.66
0.0247
20.3
DR127-220-R
22.0
22.93
4.00
7.57
0.0391
25.9
DR127-330-R
33.0
33.92
3.23
6.22
0.0600
31.5
DR127-470-R
47.0
47.05
2.95
5.28
0.0719
37.1
DR127-680-R
68.0
66.48
2.44
4.44
0.105
44.1
DR127-820-R
82.0
79.75
2.09
4.06
0.143
48.3
DR127-101-R
100
99.31
1.96
3.64
0.163
53.9
DR127-151-R
150
144.9
1.59
3.01
0.247
65.1
DR127-221-R
220
221.5
1.29
2.43
0.376
80.5
DR127-331-R
330
323.6
1.04
2.01
0.574
97.3
DR127-471-R
470
467.1
0.85
1.68
0.861
117
DR127-681-R
680
676.7
0.76
1.39
1.08
141
DR127-821-R
820
818.1
0.65
1.27
1.47
155
DR127-102-R
1000
1005
0.61
1.14
1.66
172
(1) Open Circuit Inductance Test Parameters: 100kHz, 0.25Vrms, 0.0Adc.
(2) RMS current for an approximate ∆T of 40°C without core loss. It is recommended that the
temperature of the part not exceed 125°C.
(3) Peak current for approximate 30% roll off at 20°C.
(4) DCR limits @ 20°C.
(5) Applied Volt-Time product (V-µS) across the inductor. This value represent the applied V-µS
at 100kHz necessary to generate a core loss equal to 10% of the total losses for 40°C
temperature rise.
6) Part number definition: DRxxx-yyy-R
DRxxx = product code and size,
-yyy = inductance value in µH,
R = decimal point. If no R is present, third character = # of zeros
-R suffix = RoHS compliant



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com