Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC751 Datasheet(PDF) 1 Page - API Technologies Corp

Part # DC751
Description  QUADRATURE HYBRID OCTAVE BAND, 3dB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DC751 Datasheet(HTML) 1 Page - API Technologies Corp

  DC751 Datasheet HTML 1Page - API Technologies Corp DC751 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
QUADRATURE HYBRID
SPECIFICATION
OCTAVE BAND, 3dB
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
MAIN
OUTPUT
< -90o
ISOLATED
IN
DC750 SERIES
o
o
o
o
SPECIFICATIONS
Power Handling2
Frequency
(GHz)
Loss1
max
(dB)
VSWR
max
Isolation
min
(dB)
Deviation
from Phase
Quadrature
typ
Average
(W@1 GHz)
Peak
(kW)
Model
Number
.5-1
.15
1.1
25
± 1.5o
100
3
DC751
1-2
.2
1.1
25
± 1.5o
100
3
DC752
1.3-2.6
.2
1.15
25
± 2o
100
3
DC752E
2-4
.25
1.15
25
± 2o
100
3
DC753
2.6-5.2
.25
1.25
20
± 2o
100
3
DC753E
4-8
.3
1.25
20
± 2o
100
3
DC754
4.8-9.6
.35
1.25
17
± 2o
100
3
DC754E
7-12.4
.5
1.35
18
± 4o
50
1.5
DC755
12-18
.7
1.35
17
± 4o
50
1.5
DC756
Maximum unbalance is 1 dB and is measured as the difference between the coupled and mainline output ports
from the mean coupling at each frequency.
NOTES:
1. Maximum loss is the actual dissipative loss and reflective loss due to VSWR. It does not include coupling loss.
FEATURES
• Models from 0.5 to 18 GHz
• SMA Connectors
• Meet MIL-E-5400 Class 3 or Equivalent
• Screenable to MIL-P-23971
COUPLED
OUTPUT
< 0o
MAIN
OUTPUT
< -90o
ISOLATED
CROSSOVER HYBRID CONFIGURATION
IN


Similar Part No. - DC751

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DC751 APITECH-DC751 Datasheet
291Kb / 5P
Octave Band and Broadband
DC751 APITECH-DC751 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC751 APITECH-DC751 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC751 APITECH-DC751 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC751 APITECH-DC751 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
More results

Similar Description - DC751

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
2375-5 APITECH-2375-5 Datasheet
187Kb / 2P
QUADRATURE HYBRID MULTI-OCTAVE BAND
2375-4 APITECH-2375-4 Datasheet
182Kb / 2P
QUADRATURE HYBRID MULTI-OCTAVE BAND
DC756 APITECH-DC756 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC754E APITECH-DC754E Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC754 APITECH-DC754 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC753E APITECH-DC753E Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC753 APITECH-DC753 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC752E APITECH-DC752E Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC752 APITECH-DC752 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
DC751 APITECH-DC751 Datasheet
162Kb / 2P
QUADRATURE HYBRID OCTAVE BAND, 3dB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com