Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3481MM Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3481MM
Description  LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3481MM Datasheet(HTML) 2 Page - Texas Instruments

  LM3481MM Datasheet HTML 1Page - Texas Instruments LM3481MM Datasheet HTML 2Page - Texas Instruments LM3481MM Datasheet HTML 3Page - Texas Instruments LM3481MM Datasheet HTML 4Page - Texas Instruments LM3481MM Datasheet HTML 5Page - Texas Instruments LM3481MM Datasheet HTML 6Page - Texas Instruments LM3481MM Datasheet HTML 7Page - Texas Instruments LM3481MM Datasheet HTML 8Page - Texas Instruments LM3481MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LM3481
VIN
ISEN
COMP
FB
AGND
UVLO
VCC
DR
PGND
FA/SYNC/SD
1
2
3
4
5
6
7
8
9
10
LM3481
SNVS346E – NOVEMBER 2007 – REVISED APRIL 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAM
Figure 2. 10-Lead VSSOP Package
(DGS-10 Package)
PIN DESCRIPTIONS
Pin Name
Pin Number
Description
ISEN
1
Current sense input pin. Voltage generated across an external sense resistor is fed into this pin.
UVLO
2
Under voltage lockout pin. A resistor divider from VIN to ground is connected to the UVLO pin. The ratio of
these resistances determine the input voltage which allows switching and the hysteresis to disable
switching.
COMP
3
Compensation pin. A resistor and capacitor combination connected to this pin provides compensation for
the control loop.
FB
4
Feedback pin. Inverting input of the error amplifier.
AGND
5
Analog ground pin. Internal bias circuitry reference. Should be connected to PGND at a single point.
FA/SYNC/SD
6
Frequency adjust, synchronization, and shutdown pin. A resistor connected from this pin to ground sets the
oscillator frequency. An external clock signal at this pin will synchronize the controller to the frequency of
the clock. A high level on this pin for
≥ 30 µs will turn the device off and the device will then draw 5 µA
from the supply typically.
PGND
7
Power ground pin. External power circuitry reference. Should be connected to AGND at a single point.
DR
8
Drive pin of the IC. The gate of the external MOSFET should be connected to this pin.
VCC
9
Driver supply voltage pin. A bypass capacitor must be connected from this pin to PGND. See DRIVER
SUPPLY CAPACITOR SELECTION section.
VIN
10
Power supply input pin.
2
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Links: LM3481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com